Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7620 Datasheet(PDF) 1 Page - ams AG

Part # AS7620
Description  500mA Hysteretic High Voltage Step-Down Converter with Dual Power Monitor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS7620 Datasheet(HTML) 1 Page - ams AG

  AS7620 Datasheet HTML 1Page - ams AG AS7620 Datasheet HTML 2Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
AS7620
500mA Hysteretic High Voltage Step-Down Converter
with Dual Power Monitor
Data Sh eet
www.austriamicrosystems.com
Revision 1.00
1 - 15
1 General Description
The AS7620 is an easy-to-use, high-efficiency, high-
voltage, hysteretic step-down DC-DC converter,
operating in asynchronous mode. Its low-power
architecture extends hold-up time in battery-backed and
critical applications where maximum up-time over a wide
input supply voltage range is needed, while still
providing for high efficiencies of up to 90% during peak
current demands.
Although the AS7620 is optimized for 24V applications
found in industrial and medical systems, its ability to
support 100% Duty Cycle makes the AS7620 ideal for
applications demanding maximum up-time and soft
power fail behavior. In combination with low idle current
of only 30µA, on-demand switching reduces operating
current at low load currents.
By selecting an appropriate inductor value, operating
current can be lowered and switching frequencies tuned
to certain load conditions.
A pin-strapped current limit input minimizes inductor
peak current and thus inductor size and cost for any
given application.
The device further includes output short-circuit
protection and thermal shutdown. In shutdown mode,
only 1µA (typ) of current is consumed.
Figure 1. Block Diagram
2 Key Features
Low quiescent current for efficient partial load
operation
Wide Supply Voltage Range, 3.6V to 32V
100% Duty Cycle extends operating range
Pin-programmable cycle-by-cycle current limit
Integrated PMOS eliminates bootstrap capacitor
Resistor-programmable Early Power Fail Warning
Input
Power-Good Flag
Thermal Shutdown
Fixed 3.3V and adjustable output (1.2V to VIN)
Small 4x4mm 12-Lead MLPQ Enhanced Power
Package
Specified from -40ºC to +125ºC junction and 85ºC
maximum ambient temperatures
3 Applications
The AS7620 is suitable for Industrial 24VDC
applications like PLCs, robotics; Home Security and
Building Control applications; Solid-state utility meters;
Signage and LED column power; and Sensor interfaces.
+
-
+
-
+
-
LX
ILIM
PG
PF
VIN
SHDN
FB
VEPF
LDO
Temp
Level
Shifter
Soft-Start
ISENSE
VREF
Hysteretic
Controller
AS7620


Similar Part No. - AS7620

ManufacturerPart #DatasheetDescription
logo
ams AG
AS7620 AMSCO-AS7620 Datasheet
1Mb / 16P
500mA Hysteretic High Voltage Step-Down Converter with Dual Power Monitor
AS7620 AMSCO-AS7620 Datasheet
637Kb / 16P
650mA, Ul t ra low Ripple Step Down DC/DC Conver ter
AS7620-BQFT AMSCO-AS7620-BQFT Datasheet
637Kb / 16P
650mA, Ul t ra low Ripple Step Down DC/DC Conver ter
AS7620A-BQFT AMSCO-AS7620A-BQFT Datasheet
1Mb / 16P
500mA Hysteretic High Voltage Step-Down Converter with Dual Power Monitor
AS7620B-BQFT AMSCO-AS7620B-BQFT Datasheet
1Mb / 16P
500mA Hysteretic High Voltage Step-Down Converter with Dual Power Monitor
More results

Similar Description - AS7620

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2671 NSC-LM2671 Datasheet
972Kb / 26P
SIMPLE SWITCHER Power Converter High Efficiency 500mA Step-Down Voltage Regulator with Features
logo
TOKO, Inc
TK654XX TOKO-TK654XX Datasheet
762Kb / 28P
STEP-DOWN CONVERTER WITH BATTERY MONITOR
logo
Advanced Analogic Techn...
AAT1120 ANALOGICTECH-AAT1120 Datasheet
717Kb / 20P
500mA Step-Down Converter
logo
National Semiconductor ...
LM2671 NSC-LM2671_07 Datasheet
610Kb / 24P
SIMPLE SWITCHER짰 Power Converter High Efficiency 500mA Step-Down Voltage Regulator with Features
logo
ams AG
AS7620 AMSCO-AS7620_1 Datasheet
1Mb / 16P
500mA Hysteretic High Voltage Step-Down Converter with Dual Power Monitor
logo
Skyworks Solutions Inc.
AAT1120 SKYWORKS-AAT1120 Datasheet
960Kb / 19P
500mA Step-Down Converter
logo
Texas Instruments
LM2671M-ADJ TI-LM2671M-ADJ Datasheet
1Mb / 31P
LM2671 SIMPLE SWITCHER Power Converter High Efficiency 500mA Step-Down Voltage
LM2671MX-33 TI-LM2671MX-33 Datasheet
1Mb / 31P
LM2671 SIMPLE SWITCHER Power Converter High Efficiency 500mA Step-Down Voltage
logo
National Instruments Co...
LM2671M-33 NI-LM2671M-33 Datasheet
641Kb / 24P
SIMPLE SWITCHER짰 Power Converter High Efficiency 500mA Step-Down Voltage Regulator with Features
logo
Linear Technology
LTC3630AEMSE LINER-LTC3630AEMSE Datasheet
312Kb / 8P
High Efficiency High Voltage 500mA Synchronous Step-Down Converter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com