Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7204362 Datasheet(PDF) 13 Page - Whirlpool.

Part # 7204362
Description  How to install, operate and maintain your Demand Controlled Water Softener
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WHIRLPOOL [Whirlpool.]
Direct Link  https://www.whirlpool.com/
Logo WHIRLPOOL - Whirlpool.

7204362 Datasheet(HTML) 13 Page - Whirlpool.

Back Button 7204362 Datasheet HTML 9Page - Whirlpool. 7204362 Datasheet HTML 10Page - Whirlpool. 7204362 Datasheet HTML 11Page - Whirlpool. 7204362 Datasheet HTML 12Page - Whirlpool. 7204362 Datasheet HTML 13Page - Whirlpool. 7204362 Datasheet HTML 14Page - Whirlpool. 7204362 Datasheet HTML 15Page - Whirlpool. 7204362 Datasheet HTML 16Page - Whirlpool. 7204362 Datasheet HTML 17Page - Whirlpool. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
13
Programming the Water Softener
Questions? Call Toll Free 1-866-986-3223 Monday- Friday, 8 AM - 7 PM EST
or visit www.ecodynewatertreatment.com
When you call, please be prepared to provide the model and serial number,
found on the rating decal, typically located on the rim below the salt lid hinges.
SET RECHARGE (REGENERATION) TIME
1. Press the PROGRAM button once again to display
a flashing “2:00AM” and the words “RECHARGE
TIME”. This is a good time for the recharge to start
in most households, because water is not in use.
FIG. 18
2. If you want to change the recharge start time,
press the r UP or s DOWN buttons until the
desired time shows. Be sure AM or PM is correct.
SET SALT TYPE
1. Press the PROGRAM button once again to display
a flashing “nACL”.
FIG. 19
Salt Type allows you to choose between sodium chlo-
ride (NaCl), which is regular softener salt, or potassi-
um chloride (KCl), which is an alternative to sodium
chloride. KCl (potassium chloride) may be used if the
user of the water softener is on a sodium restricted
diet and is concerned about the amount of sodium in
the water supply.
KCl should be used in accordance with the following
steps to help give you years of maintenance free
service.
Place only one bag at a time of KCl into your softener
(the salt storage tank should contain no more than 60
pounds of KCl at any one time).
NOTE: A softener using KCl should not be located in
areas with high temperature changes or high
humidity (KCl may harden in these environ-
ments and make the softener inoperable).
2. Check the brine tank and brinewell (black tube in
salt storage tank) monthly. If hardening is present,
pour small amounts of warm water on hardened
areas until they loosen.
3. Be sure to set the correct salt type, depending on
which type of salt is used (NaCl or KCl). Use the
r UP or s DOWN buttons to toggle between
NaCl and KCl, then press the PROGRAM button to
enter the selection.
4. Press the PROGRAM button once again to return
to normal operating display.
START A RECHARGE
1. Press the RECHARGE button and hold for three
seconds, until “RECHARGE” begins to flash in the
display, starting a recharge. This recharge draws
the sanitizing bleach into and through the water
softener. Any air remaining in the water softener is
purged to the drain. During this time, periodically
check for leaks.
NOTE: As with all other water system applications,
leaks may occur. Leaks may not be immedi-
ately apparent. Recheck for leaks 24 hours
after first recharge cycle is complete.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com