Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCANKIT1007 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # LCANKIT1007
Description  ANTOMNI 900MHZ 6DBI CARP-SMA M/NM LIGHTNING PROTECTOR, 20 FT CA-400
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

LCANKIT1007 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  LCANKIT1007 Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
KHIETPAS
REVISIONS
REV.
DESCRIPTION
DATE
APPROVED
A
INITIAL RELEASE
03/02/2022
KHIETPAS
PARTS LIST
ITEM NO.
PART NO.
QTY
DESCRIPTION
1
HG906UP-NF
1
ANTOMNI 900MHZ 6DBI
2
CA4NMLPRSM020
1
N MALE BULKHEAD LIGHTNING PROTECTOR TO RP SMA PL
3
HT-TAPE104
1
TLCOAX-SEAL SELF-HEALING TAP
A
B
C
D
SCALE:
SIZE
ITEM NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
8
LCANKIT1007
A
1
1
DDICKENS
03/02/2022
03/02/2022
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
CONFIGURATION DETAILS OF
UNDIMENSIONED FEATURES
MAY VARY
NONE
CAGE CODE
ANTOMNI 900MHZ 6DBI CARP-SMA M/NM
LIGHTNING PROTECTOR, 20 FT CA-400
ANTENNAS
UNLESS OTHERWISE SPECIFIED,
AKRESOWSK
COLOR VARIATIONS
MAY OCCUR
03/02/2022
OVERALL CABLE LENGTH TOLERANCE:
≤12 [305] = +1 [25] / -0
>12 [305] ≤60 [1524] = +2 [51] / -0
>60 [1524] ≤120 [3048] = +4 [102] / -0
>120 [3048] ≤300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0
T-Rev.D
ALL OTHER DIMENSIONAL TOLERANCES:
THIRD-ANGLE PROJECTION
50 High Street, West Mill,
North Andover, MA 01845 USA.
Phone: 1.800.341.5266
1.978.682.6936
43321
CAD FILE: LCANKIT1007.SLDDRW
ANGLES ± 1°
± 1/32
FRACTIONS
.X = .2 [5]
.XX = .02 [.5]
.XXX = .005 [.13]


Similar Part No. - LCANKIT1007

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
LCANKIT1000 L-COM-LCANKIT1000 Datasheet
84Kb / 1P
ANTOMNI 900MHZ 3DBI CARP-SMA M/NM 6FT CA-400
03/02/2022
LCANKIT1001 L-COM-LCANKIT1001 Datasheet
84Kb / 1P
ANTOMNI 900MHZ 3DBI CARP-SMA M/NM 10FT CA-400
03/02/2022
LCANKIT1002 L-COM-LCANKIT1002 Datasheet
85Kb / 1P
ANTOMNI 900MHZ 3DBI CARP-SMA M/NM LIGHTNING PROTECTOR 10 FT CA-400
03/02/2022
LCANKIT1003 L-COM-LCANKIT1003 Datasheet
85Kb / 1P
ANTOMNI 900MHZ 3DBI CARP-SMA M/NM LIGHTNING PROTECTOR, 20 FT CA-400
03/02/2022
LCANKIT1004 L-COM-LCANKIT1004 Datasheet
84Kb / 1P
ANTOMNI 900MHZ 6DBI CARP-SMA M/NM 6FT CA-400
03/02/2022
More results

Similar Description - LCANKIT1007

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
FS-TD01D MORNSUN-FS-TD01D Datasheet
124Kb / 2P
EMC lightning surge protector
logo
Tripp Lite. All Rights ...
P580020 TRIPPLITE-P580020 Datasheet
483Kb / 2P
DisplayPort Cable with Latches (M/M) 20-ft
M100-004COIL-BK TRIPPLITE-M100-004COIL-BK Datasheet
492Kb / 2P
USB Sync/Charge Coiled Cable with Lightning Connector (M/M), Black, 4 ft.
logo
Red Lion Controls. Inc
SP-TELCO REDLION-SP-TELCO Datasheet
275Kb / 1P
Telephone Line Surge and Lightning Protector
logo
Microsemi Corporation
PD-OUT MICROSEMI-PD-OUT Datasheet
1Mb / 2P
Outdoor PoE Lightning Surge Protector
logo
TE Connectivity Ltd
C-2016655 TEC-C-2016655 Datasheet
177Kb / 1P
RF CA,SMA M TO SMA M,WITHOUT ARMOR 18GHz
C-2016656 TEC-C-2016656 Datasheet
179Kb / 1P
RF CA, SMA M TO SMA M,18GHz
C-2016703 TEC-C-2016703 Datasheet
474Kb / 1P
RF CA,N M TO SMA M,WITH ARMOR 18GHz
logo
Tripp Lite. All Rights ...
M102-01M-BK TRIPPLITE-M102-01M-BK Datasheet
165Kb / 2P
USB-C to Lightning Sync/Charge Cable (M/M), MFi Certified, Black, 1 m (3.3 ft.)
logo
Molex Electronics Ltd.
897620100 MOLEX-897620100 Datasheet
43Kb / 1P
CA, SMA P TO SMA P RG178, EWR-4823 CA-SMA/SMA
2011/11/03
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com