Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DISC Datasheet(PDF) 2 Page - Veris. All Rights Reserved.

Part # DISC
Description  Nutating Disc Meter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VERIS [Veris. All Rights Reserved.]
Direct Link  https://www.veris.com/
Logo VERIS - Veris. All Rights Reserved.

DISC Datasheet(HTML) 2 Page - Veris. All Rights Reserved.

  DISC Datasheet HTML 1Page - Veris. All Rights Reserved. DISC Datasheet HTML 2Page - Veris. All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
800.354.8556 | +1 503.598.4564 | sales@veris.com | intl@veris.com | veris.com
ORDERING INFORMATION
VERIS PART #
MANUF. PART #
DESCRIPTION
BGR-M25-625LNSA-HP-GAXX
M25-625LNSA-HP-GAXX
Flow, Disc, 1/2"Line, Connections, Pulse Output with LCD
BGR-M35-750LNSB-HP-GAXX
M35-750LNSB-HP-GAXX
Flow, Disc, 3/4"Line, Connections, Pulse Output with LCD
BGR-M70-100LNSC-HP-GAXX
M70-100LNSC-HP-GAXX
Flow, Disc, 1"Line, Connections, Pulse Output with LCD
BGR-M120-150LNSF-HP-GAXX
M120-150LNSF-HP-GAXX
Flow, Disc, 1-1/2"Line, Connections, Pulse Output with LCD
BGR-M170-200LNSG-HP-GAXX M170-200LNSG-HP-GAXX
Flow, Disc, 2"Line, Connections, Pulse Output with LCD
Models 25, 35 & 70
Models 120 & 170
DIMENSIONS IN INCHES WITHOUT REGISTER
FLOW RATE IN GALLONS
Meter Model
Meter Size
Housing Material
A: Meter Length
B: Center to Baseline
Cold Liquids: 32 to 120°F
Approx. Weight
BGR-M25
5/8"
Bronze
7-1/2"
1-3/8"
1/2 to 25 gpm
5 lbs.
BGR-M35
3/4"
Bronze
9"
1-3/4"
3/4 to 35 gpm
6 lbs.
BGR-M70
1"
Bronze
10-3/4"
2-1/4"
1 to 70 gpm
12 lbs.
BGR-M120
1-1/2"
Bronze
12-5/8"
2-5/8"
2 to 120 gpm
20 lbs.
BGR-M170
2"
Bronze
15-1/4"
3-3/8"
2 to 170 gpm
30 lbs.
DIMENSIONAL DRAWINGS
Flow Monitoring | Nutating Disc Series
HQ0001787.J 0525



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com