Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCANLP1003 Datasheet(PDF) 2 Page - Infinite Electronics International, Inc.

Part # LCANLP1003
Description  617-960 MHz / 1710-2700 MHz, 10 dBi / 11 dBi, Log Periodic Antenna, V-pol, Dual Band, High gain, Type N Female Connector
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

LCANLP1003 Datasheet(HTML) 2 Page - Infinite Electronics International, Inc.

  LCANLP1003 Datasheet HTML 1Page - Infinite Electronics International, Inc. LCANLP1003 Datasheet HTML 2Page - Infinite Electronics International, Inc. LCANLP1003 Datasheet HTML 3Page - Infinite Electronics International, Inc. LCANLP1003 Datasheet HTML 4Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
USA & Canada +1(800) 341-5266 | International +1(978) 682-6936 | L-com.com
2
LCANLP1003 REV 1.0 | © 2020 Infinite Electronics, Inc. L-com is a registered trademark of Infinite Electronics, Inc.
617-960 MHz / 1710-2700 MHz, 10 dBi / 11 dBi, Log Periodic
Antenna, V-pol, Dual Band, High gain, Type N Female Connector
LCANLP1003
Input VSWR
1.5:1
2:1
Impedance
50
Ohms
Gain
10
11
dBi
Input Power
50
Watts
.
Specifications by Band
Description
Band 1
Band 2
Band 3
Band 4
Band 5
Units
Range
0.617 to 0.698
0.698 to 0.96
1.71 to 2.7
GHz
Gain
10
10
11
dBi
Horizontal HPBW
75
75
60
Degrees
Vertical HPBW
50
50
40
Degrees
Front to Back Ratio
18
18
20
dB
VSWR Max
2:1
2:1
1.5:1
Maximum Input Power
50
50
50
Watts
.
e
Mechanical Specifications
Radome Material
ABS
Size
Length
17.52 in [445.01 mm]
Width
8.07 in [204.98 mm]
Height
1.49 in [37.85 mm]
Mounting Mast Diameter
1.57 to 1.97 in [39.88 to 50.04 mm]
Weight
1.1 lbs [498.95 g]
Environmental Specifications
Temperature
Operating Range
-40 to +70 deg C
Wind Survivability
150 MPH [241.4 KPH]
Wind Loading
23.5 lbs at 100 MPH
36.2 lbs at 125 MPH
Humidity
5 to 95
Compliance Certifications (see product page for current document)
Plotted and Other Data
Notes:



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com