Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GPS Datasheet(PDF) 2 Page - Veris. All Rights Reserved.

Part # GPS
Description  Gas Detection
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VERIS [Veris. All Rights Reserved.]
Direct Link  https://www.veris.com/
Logo VERIS - Veris. All Rights Reserved.

GPS Datasheet(HTML) 2 Page - Veris. All Rights Reserved.

  GPS Datasheet HTML 1Page - Veris. All Rights Reserved. GPS Datasheet HTML 2Page - Veris. All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
HQ0007959.B 0324
800.354.8556 | +1 503.598.4564 | sales@veris.com | intl@veris.com | veris.com
Air Quality / Gas Detection | GPS Series
From Air Handling Units to fan-powered boxes, Veris has the solution.
Auto-cleaning technology ensures sus-
tained ion output over time. Ion output can
decrease without this feature, in addition
to accumulation of humidity and other
material build-up. Competitive products
and brushes must be manually cleaned, and
while, a simple process, this rarely occurs.
The auto-cleaning feature performs regular
wipes of emitter brushes, which prevents
build-up. The resulting benefit is optimal
lifetime performance.
Step 1:
Conditioned air
flows into the
distribution duct
system.
Step 2:
Air is ionized by the
GPS device.
Step 3:
Positive and
negative ions are
delivered into the
environment.
A: DM48
B: FC24
C: FC48
D: iRIB 18/36
E: iMEASURE-D
ORDERING INFORMATION
MODEL
DESCRIPTION
MOUNTING LOCATION
DISPLAY
SELF-CLEANING
AIRFLOW CAPACITY
GPS-DM48-AC
Duct ionization system
Through duct wall
LCD
X
4800 CFM / 12 tons*
GPS-FC48-AC
Duct ionization system
Duct wall, duct floor, fan inlet
X
4800 CFM / 12 tons*
GPS-FC24-AC
Duct ionization system
X
2400 CFM / 6 tons*
GPS-iRIB-18
Flexible ionization strip
Traditional split systems, PTACs, fan coils, air handlers,
ductless mini splits, ducted modules, ceiling cassettes
3200 CFM / 8 tons*
GPS-iRIB-36
Flexible ionization strip
3200 CFM / 8 tons*
MODEL
L
W
H
INSERTION
DEPTH
INSERTION
DIAMETER
GPS-DM48-AC
9.0"
7.75"
7.75"
7.0”
3.75”
GPS-FC48-AC
11.1"
1.84"
3.52"
GPS-FC24-AC
7.9"
1.1"
5"
GPS-iRIB Power Unit
3.75"
1.75"
1.0"
GPS-iRIB-18 Ionizer Strip
18.0"
1.5"
0.05"
GPS-iRIB-36 Ionizer Strip 36.0"
1.5"
0.05"
GPS-iMEASURE-D
12.1"
6.2"
3.25"
10.5”
2”
MODEL
DESCRIPTION
MOUNTING LOCATION
OUTPUT RANGE
SENSOR RANGE
AIRFLOW CAPACITY
GPS-iMEASURE-D
Duct ionization sensor
Duct wall, duct floor, fan inlet, AHUs
0 to 10 V
0 to 20K, 0 to 200K,
0 to 2M ions/cc (selectable)
1,000 to 100,000 CFM
DIMENSIONS
APPLICATION DIAGRAM
INSTALLATION EXAMPLES
AUTO-CLEANING TECHNOLOGY
In-room ion density is dependent on a variety of factors,
including proximity of the ionizing equipment to the
occupied space, air flow rates and path of the ductwork
within the building.
* Multiple units can be combined to meet system air capacity requirements.
1
2
3
B
A
D
E
E
B
A
C
B



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com