Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCANLP1012 Datasheet(PDF) 2 Page - Infinite Electronics International, Inc.

Part # LCANLP1012
Description  698 - 960 MHz / 1710 - 2700 MHz / 3300 - 4200 MHz, 10 / 11 dBi, Log Periodic Antenna, Low PIM, V-pol, Type N Female connector
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

LCANLP1012 Datasheet(HTML) 2 Page - Infinite Electronics International, Inc.

  LCANLP1012 Datasheet HTML 1Page - Infinite Electronics International, Inc. LCANLP1012 Datasheet HTML 2Page - Infinite Electronics International, Inc. LCANLP1012 Datasheet HTML 3Page - Infinite Electronics International, Inc. LCANLP1012 Datasheet HTML 4Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
USA & Canada +1(800) 341-5266 | International +1(978) 682-6936 | L-com.com
2
LCANLP1012 REV 1.0 | © 2020 Infinite Electronics, Inc. L-com is a registered trademark of Infinite Electronics, Inc.
698 - 960 MHz / 1710 - 2700 MHz / 3300 - 4200 MHz, 10 / 11 dBi,
Log Periodic Antenna, Low PIM, V-pol, Type N Female connector
LCANLP1012
Input VSWR
1.7:1
2:1
Impedance
50
Ohms
Gain
10
11
dBi
Horizontal Beamwidth
50
65
Degrees
Vertical Beamwidth
45
50
Degrees
Input Power
100
Watts
.
Specifications by Band
Description
Band 1
Band 2
Band 3
Band 4
Band 5
Units
Range
0.698 to 0.96
1.71 to 2.7
3.3 to 4.2
GHz
Gain
10
11
11
dBi
Horizontal HPBW
65
50
50
Degrees
Vertical HPBW
50
45
45
Degrees
VSWR Max
2:1
1.7:1
2:1
Maximum Input Power
100
100
100
Watts
.
e
Mechanical Specifications
Radome Material
ABS
Width
8.27 in [210.06 mm]
Height
16.14 in [409.96 mm]
Weight
2.2 lbs [997.9 g]
Environmental Specifications
Temperature
Operating Range
-40 to +60 deg C
Wind Survivability
150 MPH [241.4 KPH]
Wind Loading
23.5 lbs at 100 MPH
36.2 lbs at 125 MPH
Compliance Certifications (see product page for current document)
Plotted and Other Data
Notes:
698 - 960 MHz / 1710 - 2700 MHz / 3300 - 4200 MHz, 10 / 11 dBi, Log Periodic Antenna, Low PIM, V-pol, Type N Female connector
from L-com has same day shipment for domestic and International orders. Our portfolio includes coaxial cable assemblies, connectors,



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com