Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MD145SW Datasheet(PDF) 1 Page - Hitec RCD USA

Part # MD145SW
Description  Contactless Magnetic Encoder
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITEC-RCD [Hitec RCD USA]
Direct Link  https://hitecrcd.com/
Logo HITEC-RCD - Hitec RCD USA

MD145SW Datasheet(HTML) 1 Page - Hitec RCD USA

  MD145SW Datasheet HTML 1Page - Hitec RCD USA  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Ver2.1
■ This product should not be used directly on the human body for medical purposes.
■ This product should not be used for war weapons.
■ All specifications are subject to change without notice.
■ Be careful as strong magnetic fields may cause malfunction of the product.
https://www.hiteccs.com
MD145SW General Specification.
Control System
PWM/TTL(Half Duplex)
-
Position Sensor Type
Contactless Magnetic Encoder
-
Motor Type
Cored Carbon Brush
At the Max voltage, it is
recommended to be used only
for a short time duration.
Operating Voltage Range
3.5 ~ 8.4V
Voltage
4.8V
6.0V
7.4V
No Load Speed
0.21sec/60˚
0.17sec/60˚
0.14sec/60˚
At 25°C(±10%), 45%RH(±10%)
measurement environment
Stall Torque
4.9kgf·cm (68.05oz·in)
5.9kgf·cm (81.94oz·in)
7.0kgf·cm (97.21oz·in)
Peak Efficiency Torque
1.0kgf·cm (13.89oz·in)
1.2kgf·cm (16.66oz·in)
1.4kgf·cm (19.44oz·in)
Standing Current
30mA
30mA
30mA
No Load Running Current
200mA
230mA
260mA
Stall Current
1,600mA
2,000mA
2,500mA
Deadband
2µs
2µs
2µs
Operating Travel
Default: ±60º, Programmable: Max 320º / Pulse Width: 900~2100μs(Center:1500μs)
-
Continuous Rotation
n/a
-
Operating Temperature Range
-20˚C ~ +60˚C (-4˚F ~+140˚F)
-
Storage Temperature Range
-30˚C ~ +80˚C (-22˚F ~+176˚F)
-
Connector Wire Length
300mm (11.811inch)
Connector Wire Gauge
24AWG
Dimensions
30.0mm x 10.0mm x 37.0mm (1.181inch x 0.394inch x 1.457inch)
General Tolerance ±0.1mm
Weight
26.5g (0.935oz)
Excluding the weight of Horn
Bearing Type
2 Ball Bearing
-
Case Material
Engineering Plastic
-
Gear Material
1 Metal-Plastic & 4 Steel Gears
-
Gear Train Backlash
Max 0.5˚
-
Horn Gear Spline
M25T(Ø5)
-
IP-Rating
IP4X
-
Servo Amplifier Type
32bit programmable Digital
-
1:1 scale (Unit : mm[inch])


Similar Part No. - MD145SW

ManufacturerPart #DatasheetDescription
logo
Hitec RCD USA
MD145SW-CAN HITEC-RCD-MD145SW-CAN Datasheet
271Kb / 1P
Contactless Magnetic Encoder
Ver2.1
MD145SW-DRONECAN HITEC-RCD-MD145SW-DRONECAN Datasheet
188Kb / 1P
Contactless Magnetic Encoder
Ver2.1
More results

Similar Description - MD145SW

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
EMS22 BOURNS-EMS22 Datasheet
1Mb / 8P
Non-Contacting Magnetic Encoder
logo
AVAGO TECHNOLOGIES LIMI...
AEAT-601B AVAGO-AEAT-601B Datasheet
262Kb / 5P
Incremental Magnetic Encoder Contactless sensing technology
logo
List of Unclassifed Man...
KMA36 ETC2-KMA36 Datasheet
706Kb / 16P
KMA36 universal magnetic encoder
logo
ams AG
AS5000-MA6H-1 AMSCO-AS5000-MA6H-1 Datasheet
73Kb / 1P
Magnetic Rotary Encoder Family
AS5000-MA8H-1 AMSCO-AS5000-MA8H-1 Datasheet
87Kb / 1P
Magnetic Rotary Encoder Family
AS5601 AMSCO-AS5601 Datasheet
629Kb / 43P
12-bit Programmable Contactless Encoder
logo
TE Connectivity Ltd
KMA36R TEC-KMA36R Datasheet
196Kb / 4P
Digital Magnetic Encoder Sensor
logo
ams AG
AS5601 AMSCO-AS5601_V01 Datasheet
964Kb / 44P
12-Bit Programmable Contactless Encoder
2016-Sep-09
logo
MultiDimension Technolo...
TMR3102 MULTIDIMENSION-TMR3102 Datasheet
1Mb / 14P
TMR Magnetic Rotary Encoder
Version 2.0.1
TMR3105A MULTIDIMENSION-TMR3105A Datasheet
1Mb / 15P
TMR Magnetic Rotary Encoder
Version 2.0.2
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com