Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PFA.M0.2GL.CC39GZ Datasheet(PDF) 3 Page - LEMO Connectors

Part # PFA.M0.2GL.CC39GZ
Description  REDEL P - Push-Pull
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEMO [LEMO Connectors]
Direct Link  https://www.lemo.com/en
Logo LEMO - LEMO Connectors

PFA.M0.2GL.CC39GZ Datasheet(HTML) 3 Page - LEMO Connectors

  PFA.M0.2GL.CC39GZ Datasheet HTML 1Page - LEMO Connectors PFA.M0.2GL.CC39GZ Datasheet HTML 2Page - LEMO Connectors PFA.M0.2GL.CC39GZ Datasheet HTML 3Page - LEMO Connectors PFA.M0.2GL.CC39GZ Datasheet HTML 4Page - LEMO Connectors  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
https://www.lemo.com/int_en/solutions/redel/redel-p-push-pull/pfa-m0-2gl-cc39gz.html
LEMO products and services are provided “as is”. LEMO makes no warranties or representations with regard to LEMO product & services or use of them,
express, implied or statutory, including for accuracy, completeness, or security. The user is fully responsible for his products and applications using LEMO
components.
Environment
Technical domain
Energy and Industrial, Medical, Test and Measurement,
Transportation, Aerospace and UAV
Environmental sealing (IP rating)
IP64
Endurance
> 5000 mating cycles
Temperature range
-50°C / +150°C
F ret (max)
150 N
F ret (min)
50 N
Steam sterilization
Compiles with ISO 17665:2024 sterilization standard for
autoclave, ISO 11135:2014 for EtO, and ISO 11137-1,
-2, -3 standards for gamma, e-beam x-ray. For more
details on sterilization methods and cycles, please
contact us.
Cable fixation
Cable termination protection
For cable bend relief
Fixation type
Cable collet
Jacket cable outside diameter [mm]
2.70 - 3.90 mm
Recommended By Lemo
Bend Reliefs
GMA.1B.025.RG
GMA.1B.030.RG
GMA.1B.035.RG
GMA.1B.025.RA
GMA.1B.030.RA
GMA.1B.035.RA
GMA.1B.025.RB
GMA.1B.030.RB
GMA.1B.035.RB
GMA.1B.025.RJ
GMA.1B.030.RJ
GMA.1B.035.RJ
GMA.1B.025.RM
GMA.1B.030.RM
GMA.1B.035.RM
GMA.1B.025.RN
GMA.1B.030.RN
GMA.1B.035.RN
GMA.1B.025.RR
GMA.1B.030.RR
GMA.1B.035.RR
GMA.1B.025.RS
GMA.1B.030.RS
GMA.1B.035.RS
GMA.1B.025.RV
GMA.1B.030.RV
GMA.1B.035.RV
Tools
Positionner
DCE.91.135.BVD
Extraction tool
DCF.133.5LT
Crimp tool
DPC.91.701.V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com