Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M59DR032AZB Datasheet(PDF) 36 Page - STMicroelectronics

Part # M59DR032AZB
Description  32 Mbit 2Mb x16, Dual Bank, Page Low Voltage Flash Memory
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M59DR032AZB Datasheet(HTML) 36 Page - STMicroelectronics

Back Button M59DR032AZB Datasheet HTML 30Page - STMicroelectronics M59DR032AZB Datasheet HTML 31Page - STMicroelectronics M59DR032AZB Datasheet HTML 32Page - STMicroelectronics M59DR032AZB Datasheet HTML 33Page - STMicroelectronics M59DR032AZB Datasheet HTML 34Page - STMicroelectronics M59DR032AZB Datasheet HTML 35Page - STMicroelectronics M59DR032AZB Datasheet HTML 36Page - STMicroelectronics M59DR032AZB Datasheet HTML 37Page - STMicroelectronics M59DR032AZB Datasheet HTML 38Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 36 / 38 page
background image
M59DR032A, M59DR032B
36/38
Table 32. FBGA48 - 8 x 6 balls, 0.75 mm pitch, Package Mechanical Data
Symbol
mm
inches
Typ
Min
Max
Typ
Min
Max
A
1.250
0.492
A1
0.300
0.250
0.350
0.012
0.010
0.014
A2
0.700
0.275
b
0.450
0.400
0.550
0.018
0.016
0.022
ddd
0.075
0.003
D
7.000
6.800
7.200
0.276
0.268
0.283
D1
5.250
–
–
0.207
–
–
e
0.750
–
–
0.030
–
–
E
12.000
11.800
12.200
0.472
0.465
0.480
E1
3.750
–
–
0.148
–
–
SD
0.375
–
–
0.015
–
–
SE
0.375
–
–
0.015
–
–
Figure 15. FBGA48 - 8 x 6 balls, 0.75 mm pitch, Package Outline
Drawing is not to scale.
E1
E
D1
D
A2
A1
A
BGA-Z03
ddd
BALL "A1"
eb
SD
SE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com