Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AWD2 Datasheet(PDF) 2 Page - Clarke International

Part # AWD2
Description  LARGE WHEEL DOLLY
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

AWD2 Datasheet(HTML) 2 Page - Clarke International

  AWD2 Datasheet HTML 1Page - Clarke International AWD2 Datasheet HTML 2Page - Clarke International AWD2 Datasheet HTML 3Page - Clarke International AWD2 Datasheet HTML 4Page - Clarke International AWD2 Datasheet HTML 5Page - Clarke International AWD2 Datasheet HTML 6Page - Clarke International AWD2 Datasheet HTML 7Page - Clarke International AWD2 Datasheet HTML 8Page - Clarke International  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
INTRODUCTION
Thank you for purchasing this CLARKE product. The AWD2 Wheel Dolly is designed
for effortless, fast and safe removal, handling and fitting of lorry wheels stated in the
specification.
Before attempting to use this product, please read this manual thoroughly and follow
the instructions carefully. In doing so you will ensure the safety of yourself and that of
others around you and you can look forward to your purchase giving you long and
satisfactory service.
SPECIFICATIONS
GUARANTEE
This product is guaranteed against faulty manufacture for a period of 12 months from
the date of purchase. Please keep your receipt which will be required as proof of
purchase.
This guarantee is invalid if the product is found to have been abused or tampered
with in any way, or not used for the purpose for which it was intended.
Faulty goods should be returned to their place of purchase, no product can be
returned to us without prior permission.
This guarantee does not effect your statutory rights.
Dimensions (L x W x H)
970 x 700 x 795 mm
Roller distance to centre
Min 280 mm /max 610mm
Product weight
13 kg
Max weight capacity
250 kg
Maximum wheel diameter
23.5”
Minimum wheel diameter
11”



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com