Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RTL8181 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # RTL8181
Description  Wireless LAN Access Point/Gateway Controller
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RTL8181 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button RTL8181 Datasheet HTML 17Page - List of Unclassifed Manufacturers RTL8181 Datasheet HTML 18Page - List of Unclassifed Manufacturers RTL8181 Datasheet HTML 19Page - List of Unclassifed Manufacturers RTL8181 Datasheet HTML 20Page - List of Unclassifed Manufacturers RTL8181 Datasheet HTML 21Page - List of Unclassifed Manufacturers RTL8181 Datasheet HTML 22Page - List of Unclassifed Manufacturers RTL8181 Datasheet HTML 23Page - List of Unclassifed Manufacturers RTL8181 Datasheet HTML 24Page - List of Unclassifed Manufacturers RTL8181 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 50 page
background image
RTL8181
CONFIDENTIAL
v1.0
21
The read access timing of flash memory:
A[20..0]
F_CE0#
WE#
OE#
D[n..0]
8. Ethernet Controller
There are two 10/100M Ethernet MAC embedded in RTL8181. The Ethernet device has bus master capability, which will
move packets between SDRAM and Ethernet controller through DMA mechanism. Thus, it could offload the CPU loading and
get better performance. Besides, it also supports full-duplex operation, making possible 200Mbps bandwidth at no additional
cost.
Ethernet 0 Register Set (LAN PORT)
Virtual Address Size (byte)
Name
Description
Access
0xBD20_0000
4
ETH0_CNR1
Control register 1
R/W
0xBD20_0004
6
ETH0_ID
NIC ID
R/W
0xBD20_000C
8
ETH0_MAR
Multicast register
R/W
0xBD20_00 14
4
ETH0_TSAD
Transmit Starting Logic Address of
Descriptor
R/W
0xBD20_00 18
4
ETH0_RSAD
Receive Starting Logic Address of
Descriptor
R/W
0xBD20_00 20
2
ETH0_IMR
Ethernet0 Interrupt Mask Register
R/W
0xBD20_00 24
2
ETH0_ISR
Ethernet0 Interrupt Status Register
R/W
0xBD20_00 28
4
ETH0_TMF0
Type match filter 0 register
R/W
0xBD20_00 2C
4
ETH0_TMF1
Type match filter 1 register
R/W
0xBD20_00 30
4
ETH0_TMF2
Type match filter 2 register
R/W
0xBD20_0034
4
ETH0_TMF3
Type match filter 3 register
R/W
0xBD20_00 38
4
ETH0_MII
MII access register
R/W
0xBD20_00 3C
4
ETH0_CNR2
NIC control register 2
R/W
0xBD20_0040
16
ETH0_UAR
Unicast address filter register
R/W
0xBD20_0080
3
ETH0_MPC
Indicates the number of packets
discarded due to rx FIFO overflow.
It is a 24-bit counter. It is cleared to
zero by read command.
R
0xBD20_0084
2
ETH0_TXCOL Transmit collision counter. This
16-bit counter increments by 1 for
every collision event. It rolls over
when becomes full. It is cleared to
zero by read command.
R
0xBD20_0088
2
ETH0_RXER
Receive error count. This 16-bit
counter increments by 1 for each
valid packet received . It is cleared
to zero by read command.
R
Ethernet 1 Register Set (WAN PORT)
Virtual Address Size (byte)
Name
Description
Access
0xBD30_0000
4
ETH1_CNR1
Control register 1
R/W
0xBD30_0004
6
ETH1_ID
NIC ID
R/W
0xBD30_000C
8
ETH1_MAR
Multicast register
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com