Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HS772 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # HS772
Description  PNP SILICON TRANSISTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HS772 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  HS772 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
汕头华汕电子器件有限公司
PNP
S I L I C O N
T R A N S I S T O R
HS772
对应国外型号
2SB772
█ 主要用途
█ 外形尺寸及引脚排列
音频放大、开关功率放大
1―发射极,E
2―集电极,C
3―基
极,B
TO-126
█ 极限值(T
a=25℃)
█ 电参数(T
a=25℃)
Tstg——贮存温度………………………………… -55~150℃
Tj——结温…………………………………………… 150℃
PC——集电极功率耗散(Tc=25℃)…………………… 10W
PC——集电极功率耗散(TA=25℃)…………………………1W
VCBO——集电极—基极电压………………………………-40V
VCEO——集电极—发射极电压………………………………-30V
VEBO——发射极—基极电压…………………………………-5V
IC——集电极电流……………………………………………-3A
IB——基极电流………………………………………………0.6A
参数符号
符
号
说
明
最小值
典型值
最大值
单 位
测
试
条
件
ICBO
IEBO
hFE
VCE(sat)
VBE(sat)
Cob
fT
集电极—基极截止电流
发射极—基极截止电流
直流电流增益
集电极—发射极饱和压降
基极—发射极饱和压降
共基极输出电容
特征频率
60
-0.3
-1.0
55
80
-1
-1
400
-0.5
-2.0
μA
μA
V
V
pF
MHz
VCB=-30V, IE=0
VEB=-5V, IC=0
VCE=-2V, IC=-1A
IC=-2A, IB=-0.2A
IC=-2A, IB=-0.2A
VCB=-10V,IE=0,f=1MHz
VCE=-5V,IE=-0.1A
█ 分档及其标志
R
Q
P
E
60—120
100—200
160—320
200—400


Similar Part No. - HS772

ManufacturerPart #DatasheetDescription
logo
SHANTOU HUASHAN ELECTRO...
HS772 HUASHAN-HS772 Datasheet
173Kb / 3P
PNP SILICON TRANSISTOR
More results

Similar Description - HS772

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MPS4250 ONSEMI-MPS4250 Datasheet
54Kb / 4P
Transistor(PNP Silicon)
1996
logo
STMicroelectronics
BD234 STMICROELECTRONICS-BD234 Datasheet
62Kb / 4P
SILICON PNP TRANSISTOR
May-1997
BSS44 STMICROELECTRONICS-BSS44_00 Datasheet
47Kb / 4P
SILICON PNP TRANSISTOR
Dec-2000
logo
GTM CORPORATION
GBC556 GTM-GBC556 Datasheet
183Kb / 2P
PNP SILICON TRANSISTOR
logo
AUK corp
DP500P AUK-DP500P Datasheet
53Kb / 3P
PNP Silicon Transistor
SBC327 AUK-SBC327_1 Datasheet
87Kb / 3P
PNP Silicon Transistor
SBC557 AUK-SBC557_1 Datasheet
97Kb / 3P
PNP Silicon Transistor
SBT2907A AUK-SBT2907A_1 Datasheet
193Kb / 4P
PNP Silicon Transistor
SBT2907AUF AUK-SBT2907AUF_1 Datasheet
169Kb / 3P
PNP Silicon Transistor
SBT2907F AUK-SBT2907F_1 Datasheet
192Kb / 4P
PNP Silicon Transistor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com