Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IL91CB Datasheet(PDF) 1 Page - Optronics International

Part # IL91CB
Description  6" Steel Surface Mount Dome Light
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTRONICS [Optronics International]
Direct Link  https://www.optronicsinc.com/
Logo OPTRONICS - Optronics International

IL91CB Datasheet(HTML) 1 Page - Optronics International

  IL91CB Datasheet HTML 1Page - Optronics International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Optronics International ­ www.optronicsinc.com ­ 888­654­0429
IL91 SERIES
6” Steel Surface Mount Dome Light
Surface mount steel base, chrome plated
Hard wired (black=power, white=ground)
Replaceable bulb (1141)
Available in bulk and polypack packaging
Three Year Warranty
Products
Bulk
Polypack
Diodes
Description
Qty
IL91CB
IL91CBP
DISCONTINUED ­ Surface mount dome light, hard
wired (black=power, white=ground)
50
Accessories
Bulk
Polypack
Diodes
Description
Qty
Specifications
FMVSS:
MATERIALS:
Polycarbonate lens, steel housing
VOLT/AMP:
12.8VDC ­ 0.4A
WT/DIMS:
.485 lb. / 6.438” x 6.438” x 1.75”
WARRANTY:
Three Year Warranty


Similar Part No. - IL91CB

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IL91210E INTEGRAL-IL91210E Datasheet
441Kb / 11P
Tone/Pulse Dialer High-Performance Silicon-Gate CMOS
logo
List of Unclassifed Man...
IL91210EN ETC-IL91210EN Datasheet
42Kb / 3P
TONE/PULSEDIALER
logo
Integral Corp.
IL91210EN INTEGRAL-IL91210EN Datasheet
441Kb / 11P
Tone/Pulse Dialer High-Performance Silicon-Gate CMOS
IL91214 INTEGRAL-IL91214 Datasheet
1,008Kb / 11P
Tone/Pulse Dialer with Flash Function
IL91214A INTEGRAL-IL91214A Datasheet
1,008Kb / 11P
Tone/Pulse Dialer with Flash Function
More results

Similar Description - IL91CB

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
QTLP660C-B FAIRCHILD-QTLP660C-B Datasheet
372Kb / 7P
SURFACE MOUNT LED LAMP STANDARD BRIGHT 1.8mm (Dome Lens)
logo
Everlight Electronics C...
ALS-PT19-315C EVERLIGHT-ALS-PT19-315C Datasheet
440Kb / 11P
Surface - Mount Ambient Light Sensor
ALS-PDIC17-55C EVERLIGHT-ALS-PDIC17-55C Datasheet
516Kb / 14P
Surface - Mount Ambient Light Sensor
logo
STANLEY ELECTRIC CO.,LT...
PS1105WA STANLEY-PS1105WA Datasheet
246Kb / 10P
Surface Mount Phototransistor/Dome Lenz Type
DNK1105W STANLEY-DNK1105W Datasheet
280Kb / 14P
Surface Mount IRED/Dome Lens Type
logo
Everlight Electronics C...
ALS-PD70-01C-TR7 EVERLIGHT-ALS-PD70-01C-TR7 Datasheet
187Kb / 8P
Surface - Mount Ambient Light Sensor
ALS-PD70-01C-TR7 EVERLIGHT-ALS-PD70-01C-TR7_15 Datasheet
422Kb / 7P
Ambient Light Sensor ??Surface Mount
logo
Marktech Corporate
MTE9460CP MARKTECH-MTE9460CP Datasheet
763Kb / 4P
Ceramic Dome Surface Mount 3.5횞2.2횞1.91
logo
LUMEX INC.
SML-H150E5SID-1 LUMEX-SML-H150E5SID-1 Datasheet
229Kb / 2P
Surface Mounted DOme Led
logo
Everlight Electronics C...
EAALSTIC2012A0 EVERLIGHT-EAALSTIC2012A0 Datasheet
762Kb / 9P
Ambient Light Sensor ??Surface Mount
11.21.2011
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com