Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD30 Datasheet(PDF) 2 Page - LightGraphix

Part # LD30
Description   LED System
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTGRAPHIX [LightGraphix]
Direct Link  https://www.lightgraphix.co.uk/
Logo LIGHTGRAPHIX - LightGraphix

LD30 Datasheet(HTML) 2 Page - LightGraphix

  LD30 Datasheet HTML 1Page - LightGraphix LD30 Datasheet HTML 2Page - LightGraphix LD30 Datasheet HTML 3Page - LightGraphix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
T +44 (0)1322 527 629
E light@lightgraphix.co.uk
www.lightgraphix.co.uk
Data sheet - Page 2
LightGraphix reserve the right to change specifications without notice
Data sheet issued: 14 March 2025
LD30
High Power Linear Reflector LED System
/478 Fixing Sleeve with 'O' rings
Ø50.5
Ø27.5
12.5
41
Recommended mounting details when using multiple lengths end to
end to ensure a continuous wash of light
Method 1
/478 Fixing Sleeve with 'O 'rings
/479 Fixing Sleeve with 'O' rings
36
Ø30.5
1
Ø27.5
30
40
Ø32
Ø30
13.2
17.6
11.5
16
21
21.5
C128 Fixing clip is
supplied as standard
E2121Aluminium U channel
for LED lighttube with fixing
clip
100°
OAL
15
15
20
OAL
15
15
30
LD12LT and LD12LT/RGB
LD12LT/ECO
End allowance and LED spacing
IP68 End allowance
30
30
DIM
17.4
Ø15
21.5
METHOD 1
METHOD 2
METHOD 3
METHOD 4
METHOD 5
Ø29
Ø29
6
6
DIM
Ø29
M8
M8
Ø29
6
6
DIM
M8
M8
M8
14
14
DIM
SUPPORT RODS MAX 400MM
14
14
DIM
M8
M8
DIM
6
6
39
31
Ø29
DIM
Ø30
DIM
38
38
DIM
12.5
25
Ø29 Ø54
DIM
Ø30
5
DIM
DIM
38
38
25
Ø54
Ø29
A second rail can be added
/CS Optional centre support
for lengths over 1.2m
Wardrobe
M4 grub screw
Method 1
M8
M8
M8
M8
Method 2
Mounting Methods
DIM
6
6
Ø29
DIM
6
6
Ø29
DIM
14
14
MAX 400mm
SUPPORT
Method 3
Adjustable and
lockable
Method 5
DIM
14
14
DIM
6
6
39
Method 4
Ø29
82°
Beam angle
/478 Fixing Sleeve with 'O' rings
Ø50.5
Ø27.5
12.5
41
Recommended mounting details when using multiple lengths end to
end to ensure a continuous wash of light
Method 1
/478 Fixing Sleeve with 'O 'rings
/479 Fixing Sleeve with 'O' rings
36
Ø30.5
1
Ø27.5
30
40
Ø32
Ø30
13.2
17.6
11.5
16
21
21.5
C128 Fixing clip is
supplied as standard
E2121Aluminium U channel
for LED lighttube with fixing
clip
100°
OAL
15
15
20
OAL
15
15
30
LD12LT and LD12LT/RGB
LD12LT/ECO
End allowance and LED spacing
IP68 End allowance
30
30
DIM
17.4
Ø15
21.5
METHOD 1
METHOD 2
METHOD 3
METHOD 4
METHOD 5
Ø29
Ø29
6
6
DIM
Ø29
M8
M8
Ø29
6
6
DIM
M8
M8
M8
14
14
DIM
SUPPORT RODS MAX 400MM
14
14
DIM
M8
M8
DIM
6
6
39
31
Ø29
DIM
Ø30
DIM
38
38
DIM
12.5
25
Ø29 Ø54
DIM
Ø30
5
DIM
DIM
38
38
25
Ø54
Ø29
A second rail can be added
/CS Optional centre support
for lengths over 1.2m
Wardrobe
M4 grub screw
Method 1
M8
M8
M8
M8
Method 2
Mounting Methods
DIM
6
6
Ø29
DIM
6
6
Ø29
DIM
14
14
MAX 400mm
SUPPORT
Method 3
Adjustable and
lockable
Method 5
DIM
14
14
DIM
6
6
39
Method 4
Ø29
82°
Beam angle
/478 Fixing Sleeve with 'O' rings
Ø50.5
Ø27.5
12.5
41
Recommended mounting details when using multiple lengths end to
end to ensure a continuous wash of light
Method 1
/478 Fixing Sleeve with 'O 'rings
/479 Fixing Sleeve with 'O' rings
36
Ø30.5
1
Ø27.5
30
40
Ø32
Ø30
13.2
17.6
11.5
16
21
21.5
C128 Fixing clip is
supplied as standard
E2121Aluminium U channel
for LED lighttube with fixing
clip
100°
OAL
15
15
20
OAL
15
15
30
LD12LT and LD12LT/RGB
LD12LT/ECO
End allowance and LED spacing
IP68 End allowance
30
30
DIM
17.4
Ø15
21.5
METHOD 1
METHOD 2
METHOD 3
METHOD 4
METHOD 5
Ø29
Ø29
6
6
DIM
Ø29
M8
M8
Ø29
6
6
DIM
M8
M8
M8
14
14
DIM
SUPPORT RODS MAX 400MM
14
14
DIM
M8
M8
DIM
6
6
39
31
Ø29
DIM
Ø30
DIM
38
38
DIM
12.5
25
Ø29 Ø54
DIM
Ø30
5
DIM
DIM
38
38
25
Ø54
Ø29
A second rail can be added
/CS Optional centre support
for lengths over 1.2m
Wardrobe
M4 grub screw
Method 1
M8
M8
M8
M8
Method 2
Mounting Methods
DIM
6
6
Ø29
DIM
6
6
Ø29
DIM
14
14
MAX 400mm
SUPPORT
Method 3
Adjustable and
lockable
Method 5
DIM
14
14
DIM
6
6
39
Method 4
Ø29
82°
Beam angle
/478 Fixing Sleeve with 'O' rings
Ø50.5
Ø27.5
12.5
41
Recommended mounting details when using multiple lengths end to
end to ensure a continuous wash of light
Method 1
/478 Fixing Sleeve with 'O 'rings
/479 Fixing Sleeve with 'O' rings
36
Ø30.5
1
Ø27.5
30
40
Ø32
Ø30
13.2
17.6
11.5
16
21
21.5
C128 Fixing clip is
supplied as standard
E2121Aluminium U channel
for LED lighttube with fixing
clip
100°
OAL
15
15
20
OAL
15
15
30
LD12LT and LD12LT/RGB
LD12LT/ECO
End allowance and LED spacing
IP68 End allowance
30
30
DIM
17.4
Ø15
21.5
METHOD 1
METHOD 2
METHOD 3
METHOD 4
METHOD 5
Ø29
Ø29
6
6
DIM
Ø29
M8
M8
Ø29
6
6
DIM
M8
M8
M8
14
14
DIM
SUPPORT RODS MAX 400MM
14
14
DIM
M8
M8
DIM
6
6
39
31
Ø29
DIM
Ø30
DIM
38
38
DIM
12.5
25
Ø29 Ø54
DIM
Ø30
5
DIM
DIM
38
38
25
Ø54
Ø29
A second rail can be added
/CS Optional centre support
for lengths over 1.2m
Wardrobe
M4 grub screw
Method 1
M8
M8
M8
M8
Method 2
Mounting Methods
DIM
6
6
Ø29
DIM
6
6
Ø29
DIM
14
14
MAX 400mm
SUPPORT
Method 3
Adjustable and
lockable
Method 5
DIM
14
14
DIM
6
6
39
Method 4
Ø29
82°
Beam angle
/478 Fixing Sleeve with 'O' rings
Ø50.5
Ø27.5
12.5
41
Recommended mounting details when using multiple lengths end to
end to ensure a continuous wash of light
Method 1
/478 Fixing Sleeve with 'O 'rings
/479 Fixing Sleeve with 'O' rings
36
Ø30.5
1
Ø27.5
30
40
Ø32
Ø30
13.2
17.6
11.5
16
21
21.5
C128 Fixing clip is
supplied as standard
E2121Aluminium U channel
for LED lighttube with fixing
clip
100°
OAL
15
15
20
OAL
15
15
30
LD12LT and LD12LT/RGB
LD12LT/ECO
End allowance and LED spacing
IP68 End allowance
30
30
DIM
17.4
Ø15
21.5
METHOD 1
METHOD 2
METHOD 3
METHOD 4
METHOD 5
Ø29
Ø29
6
6
DIM
Ø29
M8
M8
Ø29
6
6
DIM
M8
M8
M8
14
14
DIM
SUPPORT RODS MAX 400MM
14
14
DIM
M8
M8
DIM
6
6
39
31
Ø29
DIM
Ø30
DIM
38
38
DIM
12.5
25
Ø29 Ø54
DIM
Ø30
5
DIM
DIM
38
38
25
Ø54
Ø29
A second rail can be added
/CS Optional centre support
for lengths over 1.2m
Wardrobe
M4 grub screw
Method 1
M8
M8
M8
M8
Method 2
Mounting Methods
DIM
6
6
Ø29
DIM
6
6
Ø29
DIM
14
14
MAX 400mm
SUPPORT
Method 3
Adjustable and
lockable
Method 5
DIM
14
14
DIM
6
6
39
Method 4
Ø29
82°
Beam angle
/478 Fixing Sleeve with 'O' rings
Ø50.5
Ø27.5
12.5
41
Recommended mounting details when using multiple lengths end to
end to ensure a continuous wash of light
Method 1
/478 Fixing Sleeve with 'O 'rings
/479 Fixing Sleeve with 'O' rings
36
Ø30.5
1
Ø27.5
30
40
Ø32
Ø30
13.2
17.6
11.5
16
21
21.5
C128 Fixing clip is
supplied as standard
E2121Aluminium U channel
for LED lighttube with fixing
clip
100°
OAL
15
15
20
OAL
15
15
30
LD12LT and LD12LT/RGB
LD12LT/ECO
End allowance and LED spacing
IP68 End allowance
30
30
DIM
17.4
Ø15
21.5
METHOD 1
METHOD 2
METHOD 3
METHOD 4
METHOD 5
Ø29
Ø29
6
6
DIM
Ø29
M8
M8
Ø29
6
6
DIM
M8
M8
M8
14
14
DIM
SUPPORT RODS MAX 400MM
14
14
DIM
M8
M8
DIM
6
6
39
31
Ø29
DIM
Ø30
DIM
38
38
DIM
12.5
25
Ø29 Ø54
DIM
Ø30
5
DIM
DIM
38
38
25
Ø54
Ø29
A second rail can be added
/CS Optional centre support
for lengths over 1.2m
Wardrobe
M4 grub screw
Method 1
M8
M8
M8
M8
Method 2
Mounting Methods
DIM
6
6
Ø29
DIM
6
6
Ø29
DIM
14
14
MAX 400mm
SUPPORT
Method 3
Adjustable and
lockable
Method 5
DIM
14
14
DIM
6
6
39
Method 4
Ø29
82°
Beam angle
/M1
Method 1 - Profile fixed from one end using M8 all-thread and nut. Cable exit
through all-thread. Specify Dim (if longer than max length please contact us).
/M2
Method 2 - Profile fixed from both ends using M8 all-thread and nut. Cable exit
through all-thread and can be either end. Specify Dim (if longer than max length
please contact us).
/M3
Method 3 - Profile is mounted in a ‘goal post’ configuration. To direct the light
output by 350
° loosen M3 grub screws and rotate profile. Specify Dim (if
longer than max length please contact us).
/M4
Method 4 - Profile fixed from one end using M8 all-thread and nut. Cable exit
through all-thread. Specify Dim (if longer than max length please contact us).
/M5
Method 5 - Linear profile is fixed using spring fixing clips which are screwed to
the surface, cables exit one or both ends. Specify Dim (if longer than max length
please contact us).
Mounting Options and Dimensions
DIM
(1000mm
max)
6
M8
6
Ø29
Ø29
DIM
(2500mm
max)
6
M8
6
M8
M8
DIM (2500mm max)
14
14
Support rods max
400mm
14
14
M8
M8
6
6
31
39
M8
DIM (3000mm max)
DIM (2500mm max)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com