Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD36 Datasheet(PDF) 2 Page - LightGraphix

Part # LD36
Description  LED LINEAR WALL GRAZER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTGRAPHIX [LightGraphix]
Direct Link  https://www.lightgraphix.co.uk/
Logo LIGHTGRAPHIX - LightGraphix

LD36 Datasheet(HTML) 2 Page - LightGraphix

  LD36 Datasheet HTML 1Page - LightGraphix LD36 Datasheet HTML 2Page - LightGraphix LD36 Datasheet HTML 3Page - LightGraphix LD36 Datasheet HTML 4Page - LightGraphix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Data sheet issued: 10 July 2024 | Issue 7
T: +44 (0)1322 527 629
E: light@lightgraphix.co.uk
www.lightgraphix.co.uk
LD36
Engine
Linear C1
Beam angles
12°, 31°, 48°, 12° x 36°, 15° x 60°
LED manufacturer
NICHIA
Colour temperature
2200K / 2700K / 3000K / 4000K / 5000K
Current [Rated Output]
350mA [1.2W]
500mA [1.7W]
Typical LED Circuit wattage
1.1W
1.6W
Delivered lumens (L100)**
50mm spacing
2160
2820
75mm spacing
1436
1875
100mm spacing
1080
1410
Delivered lm/Circuit W**
99
88
Typical LED Source wattage
1.0W
1.5W
Source LED lm (per LED)
133
187
Source lm/W
133
129
Forward voltage (V100)
2.8V
2.9V
CRI
93
Colour consistency
2SCDM
Peak intensity
20,806 cd
LOR
0.75
TM30
RF93 | RG99
UGR rating (‘downlight’ mounted)
15.5
16.4
BUG rating (‘uplight’ mounted)
B0-U4-G0
LED lifetime
L90B5 at 90,000hrs
Applications
This data is based on LD36-C1-500-LW30-NB
*Lumen output data applies to all colour temperatures
**LED wattage includes losses assocaited with using a 90% efficient driver
Ambient temperature
‘20° to 45° (350mA) or -20° to 35° (500mA)
Glass
PMMA acrylic
Materials
Silver or black anodised aluminium body, ABS end caps
IP rating
IP40 or IP54 available for interior use. For exterior use please use LD38.
Wiring
In-series constant current wiring. Pre-wired cable at a length of 2m which can be specified up to 10m at an extra cost
MECHANICAL
WHITE LED ENGINE SPECIFICATION
ENVIRONMENTAL
TM65
Available on request
TM66
2.4
Repair + Refurbish
This product is included in our Repair and Refurbish scheme. This offers customers to the ability to send back
products to us for repair or refurbishment to extend their life without having to buy new fittings.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com