Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD47 Datasheet(PDF) 2 Page - LightGraphix

Part # LD47
Description  STEP LIGHT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTGRAPHIX [LightGraphix]
Direct Link  https://www.lightgraphix.co.uk/
Logo LIGHTGRAPHIX - LightGraphix

LD47 Datasheet(HTML) 2 Page - LightGraphix

  LD47 Datasheet HTML 1Page - LightGraphix LD47 Datasheet HTML 2Page - LightGraphix LD47 Datasheet HTML 3Page - LightGraphix LD47 Datasheet HTML 4Page - LightGraphix LD47 Datasheet HTML 5Page - LightGraphix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
LD47
T: +44 (0)1322 527 629
E: light@lightgraphix.co.uk
www.lightgraphix.co.uk
Page 2 of 5 | Data sheet issued: 19 March 2026
WHITE LED ENGINE SPECIFICATION
ENVIRONMENTAL
TM65
Available on request
TM66
2.7
Repair + Refurbish
This product is included in our Repair and Refurbish scheme. This offers customers the ability to send back products
to us for repair or refurbishment to extend their life without having to buy new fittings.
RLE
(REPLACEABLE LIGHT ENGINE)
Visit page 4 for replacement parts
1
Engine
C1
Beam angles
12°, 31°, 48°
LED manufacturer
NICHIA
Colour temperature
2200K, 2700K, 3000K, 4000K, 5000K
Current [Rated output]
350mA [1.2W]
500mA [1.7]
700mA [2.4W]
Typical LED Circuit wattage
1.1W
1.6W
2.3W
Delivered lumens (L100)*
106
138
177
Delivered lm/Circuit W**
97
86
76
Typical LED Source wattage
1W
1.6W
2.1W
Source LED Lm
133
187
206
Source lm/W
136
129
98
Forward voltage (V100)
2.8V
2.9V
3V
CRI
93
Colour consistency
2 SDCM
Peak intensity
554 cd
LOR
0.86
TM30
RF92 | RG100
BUG rating (Sideways mounted)
B0-U2-G1
LED lifetime
L90B5 at 90,000hrs
Applications
This data is based on LD47-C1-700-LW27-NB
*Lumen output data applies to all colour temperatures
**LED wattage includes losses assocaited with using a 90% efficient driver
MECHANICAL
350mA
500mA
700mA
Ambient temperature
55°C
C1
-20°C to 55°C
-20°C to 55°C
-20°C to 55°C
AUS/NZ
-20°C to 25°C
Glass
5mm thick borosilicate
Materials
Black anodised aluminium body, Machine finish 316 stainless steel bezel (other options available)
IP rating
IP67
Wiring
Comes pre-wired with 2 core 100mm lead, can be specified with up to 10m at extra cost



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com