Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD50 Datasheet(PDF) 2 Page - LightGraphix

Part # LD50
Description  LED PATH LIGHT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTGRAPHIX [LightGraphix]
Direct Link  https://www.lightgraphix.co.uk/
Logo LIGHTGRAPHIX - LightGraphix

LD50 Datasheet(HTML) 2 Page - LightGraphix

  LD50 Datasheet HTML 1Page - LightGraphix LD50 Datasheet HTML 2Page - LightGraphix LD50 Datasheet HTML 3Page - LightGraphix LD50 Datasheet HTML 4Page - LightGraphix LD50 Datasheet HTML 5Page - LightGraphix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
LD50
T: +44 (0)1322 527 629
E: light@lightgraphix.co.uk
www.lightgraphix.co.uk
Page 2 of 5 | Data sheet issued: 24 March 2026 1:00 pm
Engine
C1
Beam angles
18° x 37°, 46° x 80°
LED manufacturer
NICHIA
Colour temperature*
2200K, 2700K, 3000K, 4000K, 5000K
Current [Rated Output]
350mA [1.2W]
500mA [1.7W]
700mA [2.4W]
LED power (Max)
1.1W
1.5W
2.1W
Delivered lumens (L100)
82
108
140
Lumens per circuit watt
78
72
67
CRI (Typ)
93
Forward voltage (V100)
3.4V
Colour consistency
2 SCDM
Peak intensity
111 cd
LED Lumens
213
LOR
0.39
TM30
RF93
RG99
LED lifetime
L90B5 @ 90,000hrs
Applications
These values are based around a LD50-C1-700-LW30-OB
*Lumen output data applies across all colour temperatures.
**Indicates the nominal power for the LED run at that particular current and includes losses associated with using an 85% efficient driver
*** UGR values based on room parameter of 4H 8H, C70 W50 F20
TM65
Available on request
TM66
2.5
ENVIRONMENTAL
WHITE LED ENGINE SPECIFICATION
350mA
500mA
700mA
Ambient temperature
55°C
-20°C to 55°C
-20°C to 55°C
-20°C to 55°C
Glass
1.1mm thick, low iron glass
Materials
Black hard anodised aluminium body
Weight of product
0.3kg (including ground spike)
IP rating
IP65
Wiring
In-series constant current wiring (pre-wired with 2 core cable at 2000mm - can be specified with up to 10m at an extra cost)
MECHANICAL



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com