Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD56 Datasheet(PDF) 2 Page - LightGraphix

Part # LD56
Description  LED UPLIGHT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTGRAPHIX [LightGraphix]
Direct Link  https://www.lightgraphix.co.uk/
Logo LIGHTGRAPHIX - LightGraphix

LD56 Datasheet(HTML) 2 Page - LightGraphix

  LD56 Datasheet HTML 1Page - LightGraphix LD56 Datasheet HTML 2Page - LightGraphix LD56 Datasheet HTML 3Page - LightGraphix LD56 Datasheet HTML 4Page - LightGraphix LD56 Datasheet HTML 5Page - LightGraphix LD56 Datasheet HTML 6Page - LightGraphix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
LD56
Data sheet issued: 18 March 2026 | Issue 7
T: +44 (0)1322 527 629
E: light@lightgraphix.co.uk
www.lightgraphix.co.uk
WHITE LED ENGINE SPECIFICATION
Engine
C1
Beam angles
12°, 31°, 48°, 12° x 36°
LED manufacturer
NICHIA
Colour temperature
2200K / 2700K / 3000K / 4000K/ 5000K
Current [Rated Output]
350mA [1.2W]
500mA [1.7W]
700mA [2.4W]
Typical LED Circuit wattage
1.1W
1.6W
2.3W
Delivered lumens (L100)*
106
138
177
Delivered lm/Circuit W**
97
86
76
Typical LED Source wattage
1W
1.5W
2.1W
Source LED lm
133
187
206
Source lm/W
136
129
98
Forward voltage (V100)
2.8V
2.9V
3V
CRI
93
Colour consistency
2 SCDM
Peak intensity
1,075 cd
LOR
0.86
TM30
RF93 | RG99
UGR rating (‘downlight’ mounted)***
3
3.9
4.8
BUG rating (‘uplight’ mounted)
B0-U3-G0
LED lifetime
L90B5 at 90,000hrs
Applications
This data is based on LD56-C1-700-LW30-NB
* Lumen output data applies to all colour temperatures
**LED wattage includes losses assocaited with using a 90% efficient driver
***UGR values based on room parameter of 4H 8H, C70 W50 F20
ENVIRONMENTAL
TM65
Available on request
TM66
2.8
Repair + Refurbish
This product is included in our Repair and Refurbish scheme. This offers customers the ability to send back
products to us for repair or refurbishment to extend their life without having to buy new fittings.
RLE
(REPLACEABLE LIGHT ENGINE)
Visit page 5 for replacement parts
1
350mA
500mA
700mA
Ambient temperature
55°C
-20°C to 55°C
-20°C to 55°C
-20°C to 55°C
Glass
5mm thick borosilicate glass with black ceramic screen print
Materials
316 stainless steel bezel, black anodised aluminium body
Weight of product
0.158kg
IP rating
IP68 - not for permanent submersion
Static load
1000kg
IK rating
IK07
Wiring
In-series constant current wiring (pre-wired with 2 core cable at a length of 250mm)
MECHANICAL



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com