Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D145SW Datasheet(PDF) 1 Page - Hitec RCD USA

Part # D145SW
Description  Contact Analog Potentiometer
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITEC-RCD [Hitec RCD USA]
Direct Link  https://hitecrcd.com/
Logo HITEC-RCD - Hitec RCD USA

D145SW Datasheet(HTML) 1 Page - Hitec RCD USA

  D145SW Datasheet HTML 1Page - Hitec RCD USA  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Ver2.1
■ This product should not be used directly on the human body for medical purposes.
■ This product should not be used for war weapons.
■ All specifications are subject to change without notice.
https://www.hiteccs.com
D145SW General Specification.
Control System
PWM/TTL(Half Duplex)
-
Position Sensor Type
Contact Analog Potentiometer
-
Motor Type
Cored Carbon Brush
At the Max voltage, it is
recommended to be used only
for a short time duration.
Operating Voltage Range
3.5 ~ 8.4V
Voltage
4.8V
6.0V
7.4V
No Load Speed
0.21sec/60˚
0.17sec/60˚
0.14sec/60˚
At 25°C(±10%), 45%RH(±10%)
measurement environment
Stall Torque
4.9kgf·cm (68.05oz·in)
5.9kgf·cm (81.94oz·in)
7.0kgf·cm (97.21oz·in)
Peak Efficiency Torque
1.0kgf·cm (13.61oz·in)
1.2kgf·cm (16.39oz·in)
1.4kgf·cm (19.44oz·in)
Standing Current
30mA
30mA
30mA
No Load Running Current
200mA
230mA
260mA
Stall Current
1,600mA
2,000mA
2,500mA
Deadband
2µs
2µs
2µs
Operating Travel
Default: ±60º, Programmable: Max 175º / Pulse Width: 900~2100μs(Center:1500μs)
-
Continuous Rotation
n/a
-
Operating Temperature Range
-20˚C ~ +60˚C (-4˚F ~+140˚F)
-
Storage Temperature Range
-30˚C ~ +80˚C (-22˚F ~+176˚F)
-
Connector Wire Length
300mm (11.811inch)
Connector Wire Gauge
24AWG
Dimensions
30.0mm x 10.0mm x 37.0mm (1.181inch x 0.394inch x 1.457inch)
General Tolerance ±0.1mm
Weight
24.0g (0.847oz)
Excluding the weight of Horn
Bearing Type
2 Ball Bearing
-
Case Material
Engineering Plastic
-
Gear Material
1 Metal-Plastic & 4 Steel Gears
-
Gear Train Backlash
Max 0.5˚
-
Horn Gear Spline
M25T(Ø5)
-
IP-Rating
IP4X
-
Servo Amplifier Type
32bit programmable Digital
-
1:1 scale (Unit : mm[inch])


Similar Part No. - D145SW

ManufacturerPart #DatasheetDescription
logo
Savantic, Inc.
D1453 SAVANTIC-D1453 Datasheet
143Kb / 3P
Silicon NPN Power Transistors
D1453 SAVANTIC-D1453 Datasheet
144Kb / 3P
Silicon NPN Power Transistors
D1455 SAVANTIC-D1455 Datasheet
134Kb / 3P
Silicon NPN Power Transistors
More results

Similar Description - D145SW

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
TC73 BOURNS-TC73 Datasheet
119Kb / 1P
Trimming Potentiometer
3590 BOURNS-3590 Datasheet
241Kb / 1P
Precision Potentiometer
logo
Productwell Precision E...
PTHHPB PRODUCTWELL-PTHHPB Datasheet
86Kb / 1P
POTENTIOMETER
logo
Vishay Siliconix
KITPL VISHAY-KITPL Datasheet
148Kb / 7P
Kit Potentiometer Linear Analog Displacement Sensor
10-Mar-17
KITPR VISHAY-KITPR Datasheet
256Kb / 11P
Kit Potentiometer Rotational Analog Displacement Sensor
27-Apr-17
logo
Renesas Technology Corp
X9430 RENESAS-X9430 Datasheet
792Kb / 21P
Programmable Analog Dual Digitally Controlled Potentiometer (XDCP?? with Operational Amplifier
X9438 RENESAS-X9438 Datasheet
698Kb / 18P
Programmable Analog Dual Digitally Controlled Potentiometer (XDCP?? with Operational Amplifier
logo
WAGO Kontakttechnik Gmb...
857-531 WAGO-857-531 Datasheet
861Kb / 12P
Threshold value switches; Analog values; 1 changeover contact;
logo
Vishay Siliconix
KITPL VISHAY-KITPL_V01 Datasheet
145Kb / 7P
Kit Potentiometer Linear Analog Displacement Sensor
10-Mar-17
KITPR VISHAY-KITPR_V01 Datasheet
290Kb / 12P
Kit Potentiometer Rotational Analog Displacement Sensor
21-Nov-2019
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com