Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D954SW Datasheet(PDF) 1 Page - Hitec RCD USA

Part # D954SW
Description  Contact Analog Potentiometer
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITEC-RCD [Hitec RCD USA]
Direct Link  https://hitecrcd.com/
Logo HITEC-RCD - Hitec RCD USA

D954SW Datasheet(HTML) 1 Page - Hitec RCD USA

  D954SW Datasheet HTML 1Page - Hitec RCD USA  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Ver2.1
■ This product should not be used directly on the human body for medical purposes.
■ This product should not be used for war weapons.
■ All specifications are subject to change without notice.
https://www.hiteccs.com
D954SW General Specification.
Control System
PWM/TTL(Half Duplex)
-
Position Sensor Type
Contact Analog Potentiometer
-
Motor Type
Coreless
At the Max voltage, it is
recommended to be used only
for a short time duration.
Operating Voltage Range
3.5 ~ 8.4V
Voltage
4.8V
6.0V
7.4V
No Load Speed
0.19sec/60˚
0.15sec/60˚
0.12sec/60˚
At 25°C(±10%), 45%RH(±10%)
measurement environment
Stall Torque
18.0kgf·cm (249.97oz·in)
24.0kgf·cm (333.3 oz·in)
29.0kgf·cm (402.73oz·in)
Peak Efficiency Torque
3.6kgf·cm (49.99oz·in)
4.8kgf·cm (66.66oz·in)
5.8kgf·cm (80.55oz·in)
Standing Current
30mA
30mA
30mA
No Load Running Current
300mA
400mA
500mA
Stall Current
3,200mA
4,200mA
5,200mA
Deadband
1µs
1µs
1µs
Operating Travel
Default: ±60º, Programmable: Max 175º / Pulse Width: 900~2100μs(Center:1500μs)
-
Continuous Rotation
n/a
-
Operating Temperature Range
-20˚C ~ +60˚C (-4˚F ~+140˚F)
-
Storage Temperature Range
-30˚C ~ +80˚C (-22˚F ~+176˚F)
-
Connector Wire Length
300mm (11.811inch)
Connector Wire Gauge
20AWG
Dimensions
40.0mm x 20.0mm x 37.0mm (1.575inch x 0.787inch x 1.457inch)
General Tolerance ±0.1mm
Weight
66.0g (2.328oz)
Excluding the weight of Horn
Bearing Type
2 Ball Bearing
-
Case Material
Engineering Plastic & Aluminum Heat Sink
-
Gear Material
1 Metal-Plastic & 3 Steel Gears
-
Gear Train Backlash
Max 0.5˚
-
Horn Gear Spline
25T(Ø6)
-
IP-Rating
IP54
-
Servo Amplifier Type
32bit programmable Digital
-
1:1 scale (Unit : mm[inch])


Similar Part No. - D954SW

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
D950-CORE STMICROELECTRONICS-D950-CORE Datasheet
560Kb / 89P
16-Bit Fixed Point Digital Signal Processor DSP Core
04-Sep-1997
logo
Nell Semiconductor Co.,...
D950A NELLSEMI-D950A Datasheet
333Kb / 5P
Standard Recovery Diodes
logo
Infineon Technologies A...
D950N INFINEON-D950N Datasheet
217Kb / 8P
Netz-Gleichrichterdiode Rectifier Diode
2010-01-20 revision:3.1
logo
Hitec RCD USA
D950TW HITEC-RCD-D950TW Datasheet
308Kb / 1P
Contact Analog Potentiometer
Ver2.1
logo
TECHCODE SEMICONDUCTOR,...
D9516 TECHCODE-D9516 Datasheet
991Kb / 16P
Power-Distribution Switches
More results

Similar Description - D954SW

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
TC73 BOURNS-TC73 Datasheet
119Kb / 1P
Trimming Potentiometer
3590 BOURNS-3590 Datasheet
241Kb / 1P
Precision Potentiometer
logo
Productwell Precision E...
PTHHPB PRODUCTWELL-PTHHPB Datasheet
86Kb / 1P
POTENTIOMETER
logo
Vishay Siliconix
KITPL VISHAY-KITPL Datasheet
148Kb / 7P
Kit Potentiometer Linear Analog Displacement Sensor
10-Mar-17
KITPR VISHAY-KITPR Datasheet
256Kb / 11P
Kit Potentiometer Rotational Analog Displacement Sensor
27-Apr-17
logo
Renesas Technology Corp
X9430 RENESAS-X9430 Datasheet
792Kb / 21P
Programmable Analog Dual Digitally Controlled Potentiometer (XDCP?? with Operational Amplifier
X9438 RENESAS-X9438 Datasheet
698Kb / 18P
Programmable Analog Dual Digitally Controlled Potentiometer (XDCP?? with Operational Amplifier
logo
WAGO Kontakttechnik Gmb...
857-531 WAGO-857-531 Datasheet
861Kb / 12P
Threshold value switches; Analog values; 1 changeover contact;
logo
Vishay Siliconix
KITPL VISHAY-KITPL_V01 Datasheet
145Kb / 7P
Kit Potentiometer Linear Analog Displacement Sensor
10-Mar-17
KITPR VISHAY-KITPR_V01 Datasheet
290Kb / 12P
Kit Potentiometer Rotational Analog Displacement Sensor
21-Nov-2019
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com