Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HG914Y-RSP Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # HG914Y-RSP
Description  HyperLink Wireless 900 MHz 14 dBi High Performance Yagi Antenna for ISM, GSM and Wireless LAN Systems
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

HG914Y-RSP Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  HG914Y-RSP Datasheet HTML 1Page - Infinite Electronics International, Inc. HG914Y-RSP Datasheet HTML 2Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
L-com, Inc. 50 High St., West Mill, 3
rd Floor, Suite #30 North Andover, MA 01845
www.L-com.com E-mail: sales@L-com.com Phone: 1-800-343-1455 Fax: 1-978-689-9484
© L-com, Inc. All Rights Reserved. L-com Global Connectivity and the L-com logo are registered marks.
HyperLink Wireless
900 MHz 14 dBi High
Performance Yagi Antenna for ISM, GSM and
Wireless LAN Systems
Model: HG914Y
Applications and Features
Applications:
900MHz ISM Band
Wireless LAN systems
Point to multipoint applications
Non Line of Sight (NLOS)
GSM
RFID
SCADA
Wireless Video Links
900MHz Cellular
Features:
Superior performance
30° beam-width
Heavy-duty 3/4" aluminum boom
Solid 3/8" aluminum elements
Solid 1/4" aluminum mounting
plate
12 inch coax lead
Includes mount kit
Product Description
Superior Performance
The HyperGain
® HG914Y High-Performance Yagi Antenna combines high gain with a wide 30° beam-width. It is ideally suited for
directional applications in the 900 GHz ISM and GSM bands as well as Non Line of Sight (NLOS) and Point to Multi-Point
installations. Typical applications include 900 MHz Wireless LAN, SCADA, Wireless Video Links and 900 MHz Cellular.
Rugged and Weatherproof
This antenna features a heavy-duty 3/4" aluminum boom and solid 3/8" aluminum elements. Secure mounting is assured by a
solid 1/4" aluminum mounting plate and two stainless steel V-bolts.


Similar Part No. - HG914Y-RSP

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
HG914Y-NF L-COM-HG914Y-NF Datasheet
115Kb / 2P
HyperLink Wireless 900 MHz 14 dBi High Performance Yagi Antenna for ISM, GSM and Wireless LAN Systems
HG914Y-NM L-COM-HG914Y-NM Datasheet
115Kb / 2P
HyperLink Wireless 900 MHz 14 dBi High Performance Yagi Antenna for ISM, GSM and Wireless LAN Systems
More results

Similar Description - HG914Y-RSP

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
W1063 PULSE-W1063 Datasheet
236Kb / 2P
Wireless External Antenna for 900 MHz Applications
logo
List of Unclassifed Man...
HG2458CU-NF ETC2-HG2458CU-NF Datasheet
164Kb / 3P
HyperLink brand 2.3 GHz to 6 GHz Super Broadband 3 dBi Omnidirectional Ceiling Wireless LAN Antenna - Model HG2458CU
HG2405RD-RSP ETC2-HG2405RD-RSP Datasheet
110Kb / 2P
HyperLink Wireless 2.4 GHz 5.5 dBi Reverse Polarity-SMA Rubber Duck Wireless LAN Antenna
HG5829D ETC2-HG5829D Datasheet
123Kb / 2P
HyperLink Wireless 5.8 GHz 29 dBi ISM / UNII Band High Performance Parabolic Dish Wireless LAN Antenna
logo
World Produts Inc.
WPANT30050-RA WPI-WPANT30050-RA Datasheet
97Kb / 2P
900 MHz Directional Yagi Antenna
WPANT10016-CA WPI-WPANT10016-CA Datasheet
331Kb / 5P
800 / 900 MHz ISM Band and GSM Embedded Antenna
logo
PHOENIX CONTACT
2867814 PHOENIX-2867814 Datasheet
93Kb / 3P
Antenna - RAD-ISM-900-ANT-YAGI-6.5-N
2867827 PHOENIX-2867827 Datasheet
51Kb / 2P
Antenna - RAD-ISM-900-ANT-YAGI-6.5-25-AS
5606654 PHOENIX-5606654 Datasheet
50Kb / 2P
Antenna - RAD-ISM- 900-ANT-YAGI-6.5-N-SL
5606614 PHOENIX-5606614 Datasheet
349Kb / 6P
Antenna - RAD-ISM-900-ANT-YAGI-10-N
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com