Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R1PICO Datasheet(PDF) 1 Page - FACOM. All rights reserved.

Part # R1PICO
Description  96-piece set of industrial maintenance tools
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FACOM [FACOM. All rights reserved.]
Direct Link  https://www.facom.com/
Logo FACOM - FACOM. All rights reserved.

R1PICO Datasheet(HTML) 1 Page - FACOM. All rights reserved.

  R1PICO Datasheet HTML 1Page - FACOM. All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
© FACOM 2020
R1PICO | 96-piece set of industrial maintenance tools
Description:
● Comprises:
● 1 x 1/4" ultra-compact flexible ratchet:
R.180.
● 5 x 1/4" metric 6-point sockets: R. 6 -
8 - 10 - 12 - 13 mm.
● 1 x extension: L 100 mm (EF.R180).
● 15 x bits - 1/4" drive bit - 6.35 mm - L
25 mm: - EP.1T for Philips® head
screws: PH1 - PH2. - ED.1T for
Pozidriv® head screws: PZ2. - ES.1T
for slotted head screws: 4.5 - 6.5 - 8
mm. - EH.1 for metric 6-point hollow
head screws: 3 - 4 - 5 - 6 mm. - EXR.1
for vis Resistorx® screws: TT10 - TT15
- TT20 - TT25 - TT30.
● 1 x socket holder bit: ECR.1.
● Empty bi-material case: BV.RPE2.
R1PICO
Depth [mm]
155.0
Length L [mm]
210.0
Height H [mm]
70.0
Weight [Kg]
0.375


Similar Description - R1PICO

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
15006 ETC2-15006 Datasheet
360Kb / 4P
Installation and Maintenance of ESD Mats
16282 ETC2-16282 Datasheet
360Kb / 4P
Installation and Maintenance of ESD Mats
42518 ETC2-42518 Datasheet
360Kb / 4P
Installation and Maintenance of ESD Mats
logo
Extech Instruments Corp...
TL747 EXTECH-TL747 Datasheet
250Kb / 1P
Industrial Test Lead Set
TL748 EXTECH-TL748 Datasheet
250Kb / 1P
Industrial Test Lead Set
logo
PHOENIX CONTACT
1206191 PHOENIX-1206191 Datasheet
43Kb / 1P
Accessories for tools - PPS BOLT SET M12
1206379 PHOENIX-1206379 Datasheet
43Kb / 2P
Accessories for tools - PPS SPRING SET
logo
PANDUIT CORP.
CT-1123 PANDUIT-CT-1123 Datasheet
105Kb / 2P
CONTROLLED CYCLE FERRULE CRIMPING TOOLS OPERATION, INSPECTION and MAINTENANCE INSTRUCTIONS
logo
SparkFun Electronics
TOL-15003 SPARKFUN-TOL-15003 Datasheet
93Kb / 2P
Magnetic Screwdriver Set (20 Piece)
12??0??8
logo
Schneider Electric
VRKP4YYYYY00020 SCHNEIDER-VRKP4YYYYY00020 Datasheet
79Kb / 1P
1 set of sealings for maintenance lid, motor cover, media lid
Apr 20, 2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com