Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST3232B Datasheet(PDF) 15 Page - STMicroelectronics

Part # ST3232B
Description  3 to 5.5 V, low power, up to 400 kbps RS-232 drivers and receivers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST3232B Datasheet(HTML) 15 Page - STMicroelectronics

Back Button ST3232B_08 Datasheet HTML 10Page - STMicroelectronics ST3232B_08 Datasheet HTML 11Page - STMicroelectronics ST3232B_08 Datasheet HTML 12Page - STMicroelectronics ST3232B_08 Datasheet HTML 13Page - STMicroelectronics ST3232B_08 Datasheet HTML 14Page - STMicroelectronics ST3232B_08 Datasheet HTML 15Page - STMicroelectronics ST3232B_08 Datasheet HTML 16Page - STMicroelectronics ST3232B_08 Datasheet HTML 17Page - STMicroelectronics ST3232B_08 Datasheet HTML 18Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
ST3232B - ST3232C
Package mechanical data
15/18
Dim.
mm.
inch.
Min.
Typ.
Max.
Min.
Typ.
Max.
A
330
12.992
C
12.8
13.2
0.504
0.519
D
20.2
0.795
N60
2.362
T
22.4
0.882
Ao
10.8
11.0
0.425
0.433
Bo
10.7
10.9
0.421
0.429
Ko
2.93.1
0.114
0.122
Po
3.9
4.1
0.153
0.161
P
11.9
12.1
0.468
0.476
Tape & reel SO-16L mechanical data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com