Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIO6012B Datasheet(PDF) 2 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO6012B
Description  High-Efficiency 1MHz, 2A Continuous, 3A Peak, OutputSynchronous Step Down Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO6012B Datasheet(HTML) 2 Page - DIOO MICROCIRCUITS CO., LTD

  DIO6012B Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO6012B Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO6012B Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO6012B Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO6012B Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO6012B Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO6012B Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO6012B Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO6012B Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
DIO6012B
www.dioo.com
© 2022 DIOO MICROCIRCUITS CO., LTD
DIO6012B• Rev. 1.4
Pin Assignments
SOT23-5
DFN2*2-8
SOT23-6
Pin Assignment (Top View)
Pin Definitions:
Pin Name
Description
FB
Output Feedback Pin. Connect this pin to the center point of the output resistor divider
(as shown in Figure 1) to program the output voltage: Vout=0.6*(1+R1/R2).
PG
Power good indicator. When the output voltage exceeds 90% of regulation point,
it becomes open drain; low otherwise.
IN
Power Input
SGND
Signal Ground
NC
No Connect
LX
Inductor pin. Connect this pin to the switching node of inductor.
EN
Enable control. Pull high to turn on. Do not float.
PGND
Power Ground
GND
Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com