Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIO6013 Datasheet(PDF) 2 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO6013
Description  High-Efficiency 1MHz, 3A Output Synchronous Step Down Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO6013 Datasheet(HTML) 2 Page - DIOO MICROCIRCUITS CO., LTD

  DIO6013 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO6013 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO6013 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO6013 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO6013 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO6013 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO6013 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO6013 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO6013 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
DIO6013
www.dioo.com
© 2020 DIOO MICROCIRCUITS CO., LTD
DIO6013• Rev. 1.5
Pin Assignments
1
2
4
5
NC
GND
LX
IN
PG
3
6
7
8
EN
FB
NC
GND
EP-SOIC8
Figure 1 Pin Assignment (Top View)
Pin Definitions
Pin Name
Description
NC
No Connect
IN
Power Input
LX
Inductor pin. Connect this pin to the switching node of inductor.
GND
Ground
FB
Output Feedback Pin. Connect this pin to the center point of the output resistor divider
(as shown in Figure 1) to program the output voltage: Vout=0.6*(1+R1/R2).
EN
Enable control. Pull high to turn on. Do not float.
PG
Power good indicator. When the output voltage exceeds 90% of regulation point,
it becomes open drain; low otherwise.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com