Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPE801 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STMPE801
Description  8-bit port expander Xpander logic
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE801 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STMPE801 Datasheet HTML 6Page - STMicroelectronics STMPE801 Datasheet HTML 7Page - STMicroelectronics STMPE801 Datasheet HTML 8Page - STMicroelectronics STMPE801 Datasheet HTML 9Page - STMicroelectronics STMPE801 Datasheet HTML 10Page - STMicroelectronics STMPE801 Datasheet HTML 11Page - STMicroelectronics STMPE801 Datasheet HTML 12Page - STMicroelectronics STMPE801 Datasheet HTML 13Page - STMicroelectronics STMPE801 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
I2C module
STMPE801
10/26
Figure 4.
I2C timing
5.2
I2C features
The features that are supported by the I2C interface are as below:
●
I2C slave device
●
Operates at 1.8V
●
Compliant to Philips I2C specification version 2.1
●
Supports standard (uo to 100Kbps) and fast (up to 400Kbps) modes
Table 7. I2C address
Symbol
Parameter
Min
Typ
Max
Unit
fSCL
SCL clock frequency
0
400
kHz
tLOW
Clock low period
1.3
µs
tHIGH
Clock high period
600
ns
tF
SDA and SCL fall time
300
ns
tHD:STA
START condition hold time
(After this period the first clock is generated)
600
ns
tSU:STA
START condition setup time
(Only relevant for a repeated start period)
600
ns
tSU:DAT
Data setup time
100
ns
tHD:DAT
Data hold time
0
µs
tSU:STO
STOP condition setup time
600
ns
tBUF
Time the bust must be free before a new
trasmission can start
1.3
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com