Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THMC45 Datasheet(PDF) 4 Page - Texas Instruments

Part # THMC45
Description  5-V AND 3.3-V DC BRUSHLESS FAN MOTOR DRIVER WITH SINGLE WIRE CONTOL
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THMC45 Datasheet(HTML) 4 Page - Texas Instruments

  THMC45 Datasheet HTML 1Page - Texas Instruments THMC45 Datasheet HTML 2Page - Texas Instruments THMC45 Datasheet HTML 3Page - Texas Instruments THMC45 Datasheet HTML 4Page - Texas Instruments THMC45 Datasheet HTML 5Page - Texas Instruments THMC45 Datasheet HTML 6Page - Texas Instruments THMC45 Datasheet HTML 7Page - Texas Instruments THMC45 Datasheet HTML 8Page - Texas Instruments THMC45 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
THMC45
5V AND 3.3V DC BRUSHLESS FAN MOTOR DRIVER
WITH SINGLE WIRE CONTROL
SLIS101A − MAY 2001
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
dc electrical characteristics, VPWR = 5V, TA = −30°C to 80°C (unless otherwise noted)
supply current
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
V
Supply voltage normal operation
4.5
5
5.5
VPWR
Supply voltage functional with derated
performance
2.4
4.5
V
VPOR
Power-on reset voltage threshold
Increase
VPWR until logic active
1.5
V
IVPWR VPWR supply current
IL = 0 A
0.5
1.5
mA
IVPWR VPWR supply current
Idle condition, in locked rotor detect
0.5
1.5
mA
IREV
Reverse leakage
VPWR = −5 V at TA = 25°C
5
mA
ISLEEP Sleep-state current
VPWM = 0 V for >2 ms
75
300
µA
Hall sensor signal conditioning
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IIB(HL)
Input bias current
See Note 5
−1
1
µA
VICR(HL)
ICR(HL) common mode input voltage range
1
3.5
V
VIO
Hall amplifier input offset voltage
−20
0
20
mV
NOTE 5: Design target only. Not tested in production.
OUTA, OUTB phase winding driver outputs
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ILEAK
OUTA, OUTB output leakage current
VPWM = 0 V for >2 ms,
sleep state,
VOUTx = 5 V
−1
1
µA
RDSON(Low)
OUTA, OUTB low-side output ON
resistance
IOUTx = 200 mA,
TA = 25°C
1.6
2.5
Ω
RDSON(High)
OUTA, OUTB high-side output ON
resistance
IOUTx = −200 mA,
TA = 25°C
1.9
2.5
Ω
RDSON
OUTA, OUTB low-side output ON
resistance
IOUTx = 100 mA,
VPWR = 2.4 V
TA = 25°C,
3
6
Ω
RDSON
OUTA, OUTB high-side output ON
resistance
IOUTx = −100 mA,
VPWR = 2.4 V
TA = 25°C,
3.5
6
Ω
PWM input/TACH pulse output
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIH
PWM high-level input voltage
2
V
VIL
PWM low-level input voltage
0.8
V
IIH
PWM high-level input current
VPWM = 5 V
−1
1
µA
IIL
PWM low-level input current
VPWM = 0 V
75
200
µA
VOL
PWM input tachometer pulse output low voltage
IPWM = 2 mA
0.4
V
TACH open-drain output
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IIH
TACH output high leakage
VTACH = VPWR
−1
1
µA
VOL
TACH output low voltage
ITACH = 5 mA
400
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com