Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP11 Datasheet(PDF) 1 Page - Optronics International

Part # LP11
Description  Snap-In Mini License Plate Lights
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTRONICS [Optronics International]
Direct Link  https://www.optronicsinc.com/
Logo OPTRONICS - Optronics International

LP11 Datasheet(HTML) 1 Page - Optronics International

  LP11 Datasheet HTML 1Page - Optronics International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Optronics International ­ www.optronicsinc.com ­ 888­654­0429
LP11 SERIES
Snap­In Mini License Plate Lights
Chrome plated brass construction
Easy snap­in mounting
Replaceable bulb (67)
Hard wired (black=power)
Self grounding
Available in bulk, polypack and retail packaging
Three Year Warranty
Products
Bulk
Polypack
Diodes
Description
Qty
LP11CB
LP11CBP
Snap­in mini license light, hard wired
(black=power), self grounding, 5­in. lead
50
LP11C17HB
LP11C17HBP
Snap­in mini license light, hard wired
(black=power), self grounding, 17­in. lead
50
LP11CS
Retail pack: Snap­in mini license light, hard
wired (black=power), self grounding, clam
12
LP11CPG
LP11CPGP
DISCONTINUED (see LP11CB) ­ Snap­in mini
license light, hard wired (black=power), self
grounding, .180 male bullet, 5­in. lead
50
LP11C1PG
LP11C1PGP
DISCONTINUED ­ Snap­in mini license light,
hard wired (black=power), self grounding,
.180 male bullet, 18­in. lead
50
Accessories
Bulk
Polypack
Diodes
Description
Qty
Specifications
FMVSS:
(2) L
MATERIALS:
Brass, chrome plated
VOLT/AMP:
12.8VDC ­ 0.4A
WT/DIMS:
.066 lb. / 1.5” x 1.5” x 2”
WARRANTY:
Three Year Warranty


Similar Part No. - LP11

ManufacturerPart #DatasheetDescription
logo
Altech corporation
LP11 ALTECH-LP11 Datasheet
455Kb / 1P
30 mm Legend Plates LPxxx (xxx= Title)
logo
E-SWITCH
LP11 E-SWITCH-LP11 Datasheet
1Mb / 2P
ILLUMINATED PUSHBUTTON
logo
Shanghai Leiditech Elec...
LP1100SB LEIDITECH-LP1100SB Datasheet
497Kb / 4P
Excellent capability of absorbing transient surge
LP1101SB LEIDITECH-LP1101SB Datasheet
463Kb / 4P
Excellent capability of absorbing transient surge
LP1101SB LEIDITECH-LP1101SB Datasheet
497Kb / 4P
Excellent capability of absorbing transient surge
More results

Similar Description - LP11

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
21241 VICOR-21241 Datasheet
66Kb / 1P
MINI MODULE SHIELD SLOTTED BASE PLATE
logo
CW Industries
GRS-4011-0068 CWIND-GRS-4011-0068 Datasheet
26Kb / 1P
MINI SWITCH ASSEMBLY SNAP-IN, S.P-S.T W/BARRIER
GRS-4023C-0005 CWIND-GRS-4023C-0005 Datasheet
109Kb / 1P
MINI SWITCH ASSEMBLY CENTER-OFF (SNAP-IN)
GRS-4023C-1300 CWIND-GRS-4023C-1300 Datasheet
111Kb / 1P
MINI SWITCH ASSEMBLY CENTER-OFF (SNAP-IN)
logo
Molex Electronics Ltd.
0681470215 MOLEX8-0681470215 Datasheet
146Kb / 2P
License Plate Lamp
logo
Dialight Corporation
79001CB DIALIGHT-79001CB Datasheet
83Kb / 1P
LED License Plate Light
logo
Illinois Capacitor, Inc...
566LMB400M2AC ILLINOISCAPACITOR-566LMB400M2AC Datasheet
131Kb / 1P
SNAP-IN / SNAP MOUNT
566LMX450M2BD ILLINOISCAPACITOR-566LMX450M2BD Datasheet
132Kb / 1P
SNAP-IN / SNAP MOUNT
686LMB350M2AC ILLINOISCAPACITOR-686LMB350M2AC Datasheet
131Kb / 1P
SNAP-IN / SNAP MOUNT
686LMB450M2CC ILLINOISCAPACITOR-686LMB450M2CC Datasheet
132Kb / 1P
SNAP-IN / SNAP MOUNT
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com