Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP21 Datasheet(PDF) 1 Page - Optronics International

Part # LP21
Description  Heavy Duty License Plate Lights
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTRONICS [Optronics International]
Direct Link  https://www.optronicsinc.com/
Logo OPTRONICS - Optronics International

LP21 Datasheet(HTML) 1 Page - Optronics International

  LP21 Datasheet HTML 1Page - Optronics International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Optronics International ­ www.optronicsinc.com ­ 888­654­0429
LP21 SERIES
Heavy Duty License Plate Lights
Armored light made of durable chrome plated steel
Surface mount on 2” centers
Replaceable bulb (67)
Hard wired (black=power)
Self grounding
Available in bulk, polypack and retail packaging
Three Year Warranty
Products
Bulk
Polypack
Diodes
Description
Qty
LP21CB
LP21CBP
Armored steel surface mount license light, hard
wired (black=power), self grounding
50
LP21CS
Retail pack: Armored steel surface mount
license light, hard wired (black=power), self
grounding, clam
12
LP21CS6
Retail pack: Armored steel surface mount
license light, hard wired (black=power), self
grounding, clam
6
Accessories
Bulk
Polypack
Diodes
Description
Qty
Specifications
FMVSS:
L
MATERIALS:
Brass, chrome plated
VOLT/AMP:
12.8VDC ­ 0.2A
WT/DIMS:
.132 lb. / 2.5” x 1.813” x 2”
WARRANTY:
Three Year Warranty


Similar Part No. - LP21

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LP21 ETC1-LP21 Datasheet
57Kb / 2P
CRYSTAL IN HC-49/S TRU-HOLE PACKAGE
logo
Pletronics, Inc.
LP21 PLETRONICS-LP21 Datasheet
91Kb / 6P
Low Profile Crystal
logo
Texas Instruments
LP211 TI-LP211 Datasheet
240Kb / 11P
LOW-POWER DIFFERENTIAL COMPARATORS WITH STROBES
LP211 TI1-LP211 Datasheet
829Kb / 14P
LOW-POWER DIFFERENTIAL COMPARATORS WITH STROBES
LP211D TI-LP211D Datasheet
240Kb / 11P
LOW-POWER DIFFERENTIAL COMPARATORS WITH STROBES
More results

Similar Description - LP21

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
407026 EXTECH-407026 Datasheet
537Kb / 8P
Heavy Duty Meter
logo
Molex Electronics Ltd.
0681470215 MOLEX8-0681470215 Datasheet
146Kb / 2P
License Plate Lamp
logo
Dialight Corporation
79001CB DIALIGHT-79001CB Datasheet
83Kb / 1P
LED License Plate Light
logo
List of Unclassifed Man...
BU-24APN ETC2-BU-24APN Datasheet
49Kb / 1P
Heavy Duty Clip
logo
TT Electronics.
P270 TTELEC-P270 Datasheet
859Kb / 6P
Heavy duty applications
logo
OEN India Limited
OEN53 OENINDIA-OEN53 Datasheet
529Kb / 2P
HEAVY DUTY RELAY
logo
Energizer
1151 ENERGIZER-1151 Datasheet
585Kb / 1P
Heavy Duty Flashlight
1251 ENERGIZER-1251 Datasheet
577Kb / 1P
Heavy Duty Flashlight
1251L ENERGIZER-1251L Datasheet
228Kb / 1P
Heavy Duty Flashlight
logo
List of Unclassifed Man...
ABN110 ETC1-ABN110 Datasheet
13Mb / 51P
Heavy duty switches & pilot lights offer both variety and reliability Endures harsh environments
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com