Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP41CS Datasheet(PDF) 1 Page - Optronics International

Part # LP41CS
Description  Stud Mount License Plate Light
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTRONICS [Optronics International]
Direct Link  https://www.optronicsinc.com/
Logo OPTRONICS - Optronics International

LP41CS Datasheet(HTML) 1 Page - Optronics International

  LP41CS Datasheet HTML 1Page - Optronics International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Optronics International ­ www.optronicsinc.com ­ 888­654­0429
LP41 SERIES
Stud Mount License Plate Light
Chrome plated cover, black base
Stud mount on 1­3/4” centers
Stainless steel bulb socket, replaceable bulb (168)
Hard wired (black=power)
Self grounding
Available in bulk, polypack and retail packaging
Three Year Warranty
Products
Bulk
Polypack
Diodes
Description
Qty
LP41CB
LP41CBP
Stud mount license light, hard wired
(black=power), self grounding
50
LP41CS
Retail pack: Stud mount license light, hard
wired (black=power), self grounding, clam
12
LP41CS6
Retail pack: Stud mount license light, hard
wired (black=power), self grounding, clam
6
Accessories
Bulk
Polypack
Diodes
Description
Qty
Specifications
FMVSS:
L
MATERIALS:
Polycarbonate lens, plastic housing
VOLT/AMP:
12.8VDC ­ 0.2A
WT/DIMS:
.11 lb. / 2.625” x 1.563” x 2.188”
WARRANTY:
Three Year Warranty


Similar Part No. - LP41CS

ManufacturerPart #DatasheetDescription
logo
Altech corporation
LP41 ALTECH-LP41 Datasheet
455Kb / 1P
30 mm Legend Plates LPxxx (xxx= Title)
logo
List of Unclassifed Man...
LP4100 ETC1-LP4100 Datasheet
138Kb / 2P
High Power Constant Current LED Driver
logo
Marl International Limi...
LP4100 MARL-LP4100 Datasheet
138Kb / 2P
High Power Constant Current LED Driver
logo
List of Unclassifed Man...
LP4100-24C1000 ETC1-LP4100-24C1000 Datasheet
138Kb / 2P
High Power Constant Current LED Driver
LP4100-26C880 ETC1-LP4100-26C880 Datasheet
138Kb / 2P
High Power Constant Current LED Driver
More results

Similar Description - LP41CS

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE6070 NTE-NTE6070 Datasheet
19Kb / 2P
85 Amp Stud Mount Rectifiers
logo
Molex Electronics Ltd.
0681470215 MOLEX8-0681470215 Datasheet
146Kb / 2P
License Plate Lamp
logo
Dialight Corporation
79001CB DIALIGHT-79001CB Datasheet
83Kb / 1P
LED License Plate Light
logo
Keysight Technologies
N5435A KEYSIGHT-N5435A Datasheet
3Mb / 10P
Infiniium Server-Based License
logo
PHOENIX CONTACT
2988625 PHOENIX-2988625 Datasheet
45Kb / 2P
License - APPLICATION SOFTWARE LICENCE
5606003 PHOENIX-5606003 Datasheet
45Kb / 2P
License - VLC-MVW-USB
logo
SparkFun Electronics
ROB-12292 SPARKFUN-ROB-12292 Datasheet
97Kb / 1P
Servo Mount - Servo Plate D
2/10/2016
ROB-12330 SPARKFUN-ROB-12330 Datasheet
93Kb / 1P
Servo Mount - Servo Plate A
2/10/2016
ROB-12444 SPARKFUN-ROB-12444 Datasheet
91Kb / 1P
Servo Mount - Servo Plate B
2/10/2016
logo
List of Unclassifed Man...
BRM1553D-HWLIC-AVER-A ETC-BRM1553D-HWLIC-AVER-A Datasheet
542Kb / 5P
BRM1553D HARDWARE KEY LICENSE
Jul 2016
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com