Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP31CS Datasheet(PDF) 1 Page - Optronics International

Part # LP31CS
Description  Mini License Plate Light
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTRONICS [Optronics International]
Direct Link  https://www.optronicsinc.com/
Logo OPTRONICS - Optronics International

LP31CS Datasheet(HTML) 1 Page - Optronics International

  LP31CS Datasheet HTML 1Page - Optronics International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Optronics International ­ www.optronicsinc.com ­ 888­654­0429
LP31 SERIES
Mini License Plate Light
Surface mount on 2” centers
Replaceable bulb (#194)
Two­wire design includes both lead and ground wire
Available in bulk, polypack and retail packaging
Three Year Warranty
Products
Bulk
Polypack
Diodes
Description
Qty
LP31CB
LP31CBP
Mini surface mount license light, hard wired (2
black wires, non­polarized)
50
LP31C18B
LP31C18BP
Mini surface mount license light, two­wire, 18­
in. leads
50
LP31CSHB
LP31CSHBP
Mini surface mount license light, hard wired
(black=power, white=ground), 30­in. leads
with 27­in. jacket
50
LPB31CPG
LPB31CPGP
Mini license light mounted on black plastic
license plate bracket model LP31SB, hard
wired (2 black wires, non­polarized), .156
female barrels
25
LP31CS
Retail pack: Mini surface mount license light,
hard wired (2 black wires, non­polarized),
clam
12
LP31CPG
LP31CPGP
DISCONTINUED ­ Mini surface mount license
light, hard wired (2 black wires, non­
polarized), .156 female barrels
50
Accessories
Bulk
Polypack
Diodes
Description
Qty
A194B
A194BP
194 wedge base replacement bulb, 14V 4CP,
2500 hour rating
100
Specifications
FMVSS:
(2)L
MATERIALS:
Brass, chrome plated bezel; stainless steel bulb socket
VOLT/AMP:
12.8VDC ­ 0.261A
WT/DIMS:
.088 lb. / 2.563” x 1.25” x 1” (light only)
WARRANTY:
Three Year Warranty


Similar Part No. - LP31CS

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP3100 POWER-LP3100 Datasheet
918Kb / 8P
Dual Channel Charge Pump Power Solution For TFT LCD Panel
LP3101A POWER-LP3101A Datasheet
895Kb / 8P
Dual Channel Charge Pump Power Solution For TFT LCD Panel
LP3102 POWER-LP3102 Datasheet
743Kb / 7P
Dual Channel Charge Pump Power Solution For TFT LCD Panel
logo
National Semiconductor ...
LP311 NSC-LP311 Datasheet
154Kb / 6P
LP311 Voltage Comparator
logo
Texas Instruments
LP311 TI-LP311 Datasheet
240Kb / 11P
LOW-POWER DIFFERENTIAL COMPARATORS WITH STROBES
More results

Similar Description - LP31CS

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
21241 VICOR-21241 Datasheet
66Kb / 1P
MINI MODULE SHIELD SLOTTED BASE PLATE
logo
Molex Electronics Ltd.
0681470215 MOLEX8-0681470215 Datasheet
146Kb / 2P
License Plate Lamp
logo
Dialight Corporation
79001CB DIALIGHT-79001CB Datasheet
83Kb / 1P
LED License Plate Light
logo
Keysight Technologies
N5435A KEYSIGHT-N5435A Datasheet
3Mb / 10P
Infiniium Server-Based License
logo
PHOENIX CONTACT
2730404 PHOENIX-2730404 Datasheet
87Kb / 3P
Copy license for DIAG software
2988625 PHOENIX-2988625 Datasheet
45Kb / 2P
License - APPLICATION SOFTWARE LICENCE
5605993 PHOENIX-5605993 Datasheet
45Kb / 2P
License - VLC-PDK-MWX-P
5606003 PHOENIX-5606003 Datasheet
45Kb / 2P
License - VLC-MVW-USB
5606004 PHOENIX-5606004 Datasheet
45Kb / 2P
License - VLC-RTM-MWR-P
logo
List of Unclassifed Man...
BRM1553D-HWLIC-AVER-A ETC-BRM1553D-HWLIC-AVER-A Datasheet
542Kb / 5P
BRM1553D HARDWARE KEY LICENSE
Jul 2016
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com