Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP10S Datasheet(PDF) 1 Page - Optronics International

Part # LP10S
Description  License Plate Brackets
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTRONICS [Optronics International]
Direct Link  https://www.optronicsinc.com/
Logo OPTRONICS - Optronics International

LP10S Datasheet(HTML) 1 Page - Optronics International

  LP10S Datasheet HTML 1Page - Optronics International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Optronics International ­ www.optronicsinc.com ­ 888­654­0429
LICENSE PLATE BRACKETS
License Plate Brackets
Select from heavy duty metal and corrosion proof plastic
Accept stud mount license plate lights
Available in bulk, polypack and retail packaging
Products
Bulk
Polypack
Diodes
Description
Qty
LP5SB
LP5SBP
Black heavy duty plastic license plate bracket
100
LP10SB
LP10SBP
Black heavy duty plastic license plate bracket
50
LP15SB
LP15SBP
Zinc plated steel license plate bracket
12
LP20SB
LP20SBP
Powder coated steel license plate bracket
25
LP31SB
LP31SBP
Black heavy duty plastic license plate bracket
for low temperature applications
50
BK31BB
BK31BBP
Black heavy duty plastic license plate bracket
50
LP35BB
LP35BBP
Black license plate holder
25
LP10S
Retail pack: Black heavy duty plastic license
plate bracket, clam
12
LP15S
Zinc plated steel license plate bracket, clam
pack
12
Accessories
Bulk
Polypack
Diodes
Description
Qty
Specifications
FMVSS:
MATERIALS:
Various
VOLT/AMP:
WT/DIMS:
Various
WARRANTY:
Three Year Warranty


Similar Part No. - LP10S

ManufacturerPart #DatasheetDescription
logo
Altech corporation
LP10 ALTECH-LP10 Datasheet
455Kb / 1P
30 mm Legend Plates LPxxx (xxx= Title)
logo
Superworld Electronics
LP10-1200 SUPERWORLD-LP10-1200 Datasheet
108Kb / 1P
POWER TRANSFORMER
logo
Pulse A Technitrol Comp...
LP10-1200B2 PULSE-LP10-1200B2 Datasheet
152Kb / 1P
Laminated Transformers
LP10-1200B2 PULSE-LP10-1200B2 Datasheet
147Kb / 4P
IGNITION TRANSFORMERS
logo
Superworld Electronics
LP10-2400 SUPERWORLD-LP10-2400 Datasheet
110Kb / 1P
POWER TRANSFORMER
More results

Similar Description - LP10S

ManufacturerPart #DatasheetDescription
logo
Bud Industries, Inc.
BPM-22260 BUD-BPM-22260 Datasheet
242Kb / 1P
POLE MOUNT BRACKETS
logo
Molex Electronics Ltd.
0681470215 MOLEX8-0681470215 Datasheet
146Kb / 2P
License Plate Lamp
logo
Dialight Corporation
79001CB DIALIGHT-79001CB Datasheet
83Kb / 1P
LED License Plate Light
logo
Omron Electronics LLC
E39-RS5 OMRON-E39-RS5 Datasheet
1Mb / 19P
Mounting Brackets
E39S61 OMRON-E39S61 Datasheet
1Mb / 17P
Mounting Brackets
logo
SICK AG
BEF-1SHABRST2 SICK-BEF-1SHABRST2 Datasheet
408Kb / 3P
Alignment brackets
BEF-FL-304LFP-HLDR SICK-BEF-FL-304LFP-HLDR Datasheet
329Kb / 3P
Mounting brackets
BEF-FL-ALUPBS-HLDR SICK-BEF-FL-ALUPBS-HLDR Datasheet
316Kb / 3P
Mounting brackets
BEF-1SHABAAL4 SICK-BEF-1SHABAAL4 Datasheet
409Kb / 4P
Alignment brackets
BEF-1SHABPKU4 SICK-BEF-1SHABPKU4 Datasheet
362Kb / 3P
Alignment brackets
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com