Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN929 Datasheet(PDF) 13 Page - Microchip Technology

Part # AN929
Description  Temperature Measurement Circuits for Embedded Applications
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AN929 Datasheet(HTML) 13 Page - Microchip Technology

Back Button AN929 Datasheet HTML 9Page - Microchip Technology AN929 Datasheet HTML 10Page - Microchip Technology AN929 Datasheet HTML 11Page - Microchip Technology AN929 Datasheet HTML 12Page - Microchip Technology AN929 Datasheet HTML 13Page - Microchip Technology AN929 Datasheet HTML 14Page - Microchip Technology AN929 Datasheet HTML 15Page - Microchip Technology AN929 Datasheet HTML 16Page - Microchip Technology AN929 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
 2004 Microchip Technology Inc.
DS00929A-page 13
AN929
SINGLE POWER SUPPLY CIRCUIT
Figure 19 provides a low-cost, single power supply
thermocouple amplifier circuit using a quad op amp.
The buffered input differential amplifier topology is
similar to an instrumentation amplifier and offers the
feature of equal and high input impedance at the ampli-
fier inputs. An instrumentation amplifier with integrated
gain resistors can also be used to implement this cir-
cuit. The gain of the amplifier was selected to be 249,
providing a temperature coefficient of 10 mV/
°C. The
thermocouple inputs are biased to VDD/2 through
10 M
Ω resistors, providing the ability to detect a failed
open-circuit thermocouple.
FIGURE 19:
Schematic of Single Supply Voltage Thermocouple Amplifier.
RTD Oscillator Circuits
Oscillator circuits can be used to provide an accurate
temperature measurement with an RTD sensor. The
state variable oscillator provides an output frequency
that is proportional to the square root of the product of
two temperature-sensing resistors and is a good circuit
for precision applications. The astable multi-vibrator or
relaxation oscillator provides a square wave output
with a single amplifier and is a good alternative for
cost-sensitive applications.
The components must be chosen carefully so that the
change in the oscillation frequency results primarily
from the RTD and not from variation due to the compo-
nent tolerance, temperature coefficient and drift rate.
Metal film resistors, metal foil resistors and NPO
porcelain capacitors are recommended to minimize the
component error. Capacitors are relatively poor in
performance when compared to resistors. Typically, the
capacitor limits the accuracy of the oscillator. Further-
more, precision capacitors are only available in
relatively small values. The state variable oscillator
requires two 100 nF capacitors, while the relaxation
oscillator uses a 0.68 µF capacitor to produce a nomi-
nal oscillation of 1 kHz. The state variable and relax-
ation circuits have an uncalibrated measurement
accuracy of approximately 1
°C and 3°C, respectively.
The difference is primarily due to the capacitor error.
An application that requires an accuracy of better than
±1
°C may require a temperature calibration and burn-
in procedure. A temperature compensation algorithm
can easily be implemented using the E2 non-volatile
memory of a microcontroller to store temperature
correction data in a look-up table. The temperature
coefficients are obtained by calibrating the circuit over
temperature and comparing the measured temperature
against the actual temperature. A burn-in or tempera-
ture-cycling procedure can significantly reduce the drift
of the resistors and capacitors. Burn-in procedures are
useful because the majority of the change in magnitude
of resistors and capacitors occurs within the 500 hours
of a life test.
EMI Filter
EMI Filter
Connector
Shielded
Cable
TC1047A
ADC
IN_1
IN_2
+5V
R1 = R2 = 1 MΩ
R1
R5
R6
R8
R7
C3
C1
MCP619
Cold Junction Compensation
R2
C2
R3
C1 = C2 = 1 nF
R7 = R8 = 249 kΩ
R5 = R6 = 1 kΩ
R3 = R4 = 10 MΩ
C3 = 0.1 µF
R4
+5V
+5V
Type K
Thermocouple
VIN1
VIN2
U1A
U1B
V
OUT
V
IN 2
V
IN1
–
()
R
7
R
5
-------


V
REF
+
V
∆
IN
() 249k
1k
------------


==
Temp. Coef.
249
40
µV °C
⁄
×
10mV
°C
⁄
≅
=
U1C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com