Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3518 Datasheet(PDF) 1 Page - ams AG

Part # AS3518
Description  Stereo Audio Codec with enhanced System Power Management
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3518 Datasheet(HTML) 1 Page - ams AG

  AS3518 Datasheet HTML 1Page - ams AG AS3518 Datasheet HTML 2Page - ams AG AS3518 Datasheet HTML 3Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
AS3518 V10
austriamicrosystems
Preliminary Product Brief, Confidential
© 2003-2006, austriamicrosystems AG, 8141 Unterpremstaetten, Austria-Europe. All Rights Reserved.
www.austriamicrosystems.com
Revision 0.5
1
- 3
1 General Description
The AS3518 is a low power stereo audio codec and is
designed for Portable Digital Audio Applications. It allows
playback and recording in CD quality. It has a variety of audio
inputs and outputs to directly connect electret microphones,
16
Ω/32Ω headsets and auxiliary signal sources via a 10-
channel mixer. It consumes less than 20mW in playback mode.
Further the device offers advanced power management
functions. All necessary ICs and peripherals in a Digital Audio
Player are supplied by the AS3518. The different regulated
supply voltages are programmable via the serial control
interface. AS3518 also contains a Li-Io battery charger. The
single supply voltage may vary from 1.0V to 5.5V.
The AS3518 has an on-chip, phase locked loop (PLL) which
generates the needed internal CODEC master clock. I2S
Frame and shift-clock has to be applied from the processor for
playback and recording. Further the AS3518 has an
independent 32kHz real time clock (RTC) on chip which allows
a complete power down of the system CPU.
2 Key Features
• Multi-bit Sigma Delta Converters
– DAC: 18bit with 94dB SNR (‘A’ weighted)
– ADC: 20bit with 90dB SNR (‘A’ weighted)
– Sampling Frequency: 8-48kHz
• 1 Microphone Input
– 3 gain pre-setting (28dB/34dB/40dB) and AGC
– 32 gain steps @1.5dB and MUTE
– supply for electret microphone
– microphone detection
– remote control by switch
• 3 Line Inputs
– volume control via serial interface
– 32 steps @1.5dB and MUTE
– stereo or 2x mono or mono differential
• Audio Mixer
– 8 channel input/output mixer with AGC
– mixes line inputs and microphones with DAC
– left and right channels independent
• Line Output
– volume control via serial interface
– 32 steps @1.5dB and MUTE
– 1Vp @10k
Ω
– Stereo 2*5mW @16
Ω
– Mono differential 10mW @32
Ω (earpiece)
• High Efficiency Headphone Amplifier
– volume control via serial interface
– 32 steps @1.5dB and MUTE
– 2x60mW @16
Ω driver capability
– headphone and over-current detection
– phantom ground eliminates large capacitors
• Power Management
– step down for CPU core (0.65V-3.4V, 250mA)
– step down for peripheral (0.65V-3.4V, 250mA)
–step up for backlight (15V (25V), 38mA),
dimming, voltage control mode
– LDO for AFE analog supply (2.9V, 200mA)
– LDO for AFE digital supply (2.9V, 200mA)
– LDO for peripherals (1.2V-3.5V, 200mA)
– LDO for peripherals e.g. USB (1.2V-3.5V, 200mA)
– power supply supervision
– hibernation modes
– 5sec and 10sec emergency shut-down
• Battery Charger
– automatic trickle charge (50mA)
– prog. constant current charging (50-460mA)
– prog. constant voltage charging (3.9V-4.25V)
– current limitation for USB mode
• Real Time Clock
– ultra low power 32kHz oscillator
– 32bit RTC sec counter, 96 days auto wake-up
– selectable alarm (seconds or minutes)
– 128bit free SRAM for random settings
– 32kHz clock output to peripheral
– voltage generation
– <1uA total power consumption
• General Purpose ADC
– 10bit resolution
– 21 inputs analog multiplexer
• Interfaces
– I²S digital audio interface and SPDIF
– 2 wire serial control interface
– reset pin, watchdog, power good pin
– PWM output
– 64bit unique ID (OTP)
– 23 different interrupts
• Package CTBGA64 [7.0x7.0x1.1mm] 0.8mm pitch
3 Application
Portable Digital Audio Player and Recorder
PDA, Smartphone
Preliminary Product Brief, Confidential
AS3518
Stereo Audio Codec with enhanced System Power Management


Similar Part No. - AS3518

ManufacturerPart #DatasheetDescription
logo
ams AG
AS3510 AMSCO-AS3510 Datasheet
60Kb / 2P
Analog Audio Front-End
AS3510 AMSCO-AS3510 Datasheet
875Kb / 20P
ANALOG AUDIO FRONT-END
AS3510 AMSCO-AS3510 Datasheet
875Kb / 20P
Analog Audio Front End
logo
AMETHERM Circuit Protec...
AS3510018 AMETHERM-AS3510018 Datasheet
31Kb / 1P
Resistance @ 25째c
AS3510018 AMETHERM-AS3510018 Datasheet
244Kb / 3P
I N R U S H C U R R E N T L I M I T E R S
More results

Similar Description - AS3518

ManufacturerPart #DatasheetDescription
logo
ams AG
AS3517 AMSCO-AS3517 Datasheet
227Kb / 3P
Stereo Audio Codec with advanced System Power Management
AS3514 AMSCO-AS3514 Datasheet
65Kb / 3P
Stereo Audio Codec with System Power Management
AS3515 AMSCO-AS3515 Datasheet
164Kb / 3P
Stereo Audio Codec with System Power Management
AS3543 AMSCO-AS3543 Datasheet
534Kb / 4P
High End Stereo Audio Codec with System PMU
logo
Texas Instruments
TPS65950 TI-TPS65950_1 Datasheet
180Kb / 8P
Integrated Power Management/Audio Codec
logo
Wolfson Microelectronic...
WM8350 WOLFSON-WM8350 Datasheet
2Mb / 340P
Wolfson AudioPlus??Stereo CODEC with Power Management
WM8351 WOLFSON-WM8351 Datasheet
3Mb / 330P
Wolfson AudioPlus??Stereo CODEC with Power Management
WM8352 WOLFSON-WM8352 Datasheet
2Mb / 336P
Wolfson AudioPlus™ Stereo CODEC with Power Management
February 2011, Rev 4.4
logo
ams AG
AS3515 AMSCO-AS3515_08 Datasheet
3Mb / 67P
Stereo Audio Codec with System Power Management
AS3517 AMSCO-AS3517_08 Datasheet
4Mb / 94P
Stereo Audio Codec with enhanced System Power Management
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com