Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP250-DOC Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # TIP250-DOC
Description  8 Mbytes Flash Memory
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TIP250-DOC Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  TIP250-DOC Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TEWS TECHNOLOGIES GmbH
Am Bahnhof 7
25469 Halstenbek / Germany
Phone: +49-(0)4101-4058-0
Fax: +49-(0)4101-4058-19
e-mail: info@tews.com
www.tews.com
TEWS TECHNOLOGIES LLC
1 E. Liberty Street, Sixth Floor
Reno, Nevada 89504 / USA
Phone: +1 (775) 686 6077
Fax: +1 (775) 686 6024
e-mail: usasales@tews.com
www.tews.com
The Embedded I/O Company
TEWS TECHNOLOGIES GmbH keeps the right to change technical specification without further notice
06/2002
IndustryPack is a registered trademark of SBS Technologies, Inc.
Application Information
The TIP250 is an IndustryPack
 compatible module that
offers an easy and reliable way to implement 8 Mbytes of
Flash memory. The TIP250 is ideal for holding application
code, operating system software or data.
Two AM29LV033 devices (32Mbit, x8 organized) are used
to provide 1 bank of 8 Mbytes (16 bit wide) Flash memory
which is divided into 64 sectors of 128 Kbytes (16 bit wide).
Accesses to the TIP250 Flash memory occur within the IP
memory space. After power-on the TIP250 comes up in
read only mode. The IP I/O space holds the Flash Control
Register and the interrupt vector register.
ID-PROM
Local +3.3V
32 Mbit FLASH
(4Mbyte)
Local
Control
Logic
32 Mbit FLASH
(4Mbyte)
Bank1
8 Mbytes FLASH
64 sectors of 128Kbytes
16 bit wide
For
First-Time-Buyers
the
engineering
documentation
TIP250-ED
is
recommended.
The
engineering
documentation includes TIP250-DOC, schematics and data
sheets.
Driver support (TIP250-SW-xx) is available for different
operating systems.
Technical Information
! Interface according to IndustryPack specification
! Identification-PROM supports auto-configuration
! Single Size IndustryPack
! 8 Mbytes of Flash Memory
! Organized in 1 bank of 8 Mbytes (16 bit wide), 64
sectors of 128 Kbytes (16 bit wide)
! Flash chip: 2 x AM29LV033, 90 ns, TSOP package
! Guaranteed min. erase and program cycle endurance:
1.000.000 cycles
! Typical bank erase time: 45 s
! Typical sector erase time: 0.7 s
! Typical word programming time: 9 µs
! Typical bank programming time: 36 s
! Interrupt support on program / erase cycles
! Power requirements: +5V only, on board +3.3V
generation
! No connections to IP-I/O connector
! Operating temperature -40°C to +85°C
Order Information
TIP250-10
8 Mbytes Flash Memory
TIP250-DOC
User Documentation
TIP250-ED
Engineering Documentation, includes
TIP250-DOC
TIP250-SW-12
OS-9 Software Support
TIP250-SW-32
pSOS Software Support
TIP250-SW-42
VxWorks Software Support
TIP250-SW-62
Windows NT 4.0 Software Support
TIP250-SW-72
LynxOS Software Support
TIP250-SW-82
LiNUX Software Support
TIP250-SW-92
QNX 4 Software Support
TIP250-SW-95
QNX 6 Software Support
TIP250 8 Mbytes Flash Memory


Similar Part No. - TIP250-DOC

ManufacturerPart #DatasheetDescription
logo
TEWS Technologies GmbH
TIP250-DOC TEWS-TIP250-DOC Datasheet
267Kb / 2P
8 Mbytes Flash Memory
2017-09-27
More results

Similar Description - TIP250-DOC

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH28F004SU-LC SHARP-LH28F004SU-LC Datasheet
249Kb / 31P
4M (512K 횞 8) Flash Memory
logo
Winbond
W49F020 WINBOND-W49F020 Datasheet
190Kb / 21P
256K X 8 CMOS FLASH MEMORY
logo
ATMEL Corporation
AT5FC008 ATMEL-AT5FC008 Datasheet
120Kb / 15P
8-Megabyte Flash Memory PCMCIA Card
logo
fujitsu semiconductor
MB84VB2000 FUJITSU-MB84VB2000 Datasheet
314Kb / 28P
8M (x 8/x 16) FLASH MEMORY & 8M (x 8/x 16) FLASH MEMORY
logo
Texas Instruments
TMS28F020 TI-TMS28F020 Datasheet
312Kb / 21P
262144 BY 8-BIT FLASH MEMORY
logo
Winbond
W39L512 WINBOND-W39L512 Datasheet
304Kb / 25P
64K 8 COMS FLASH MEMORY
logo
Integrated Silicon Solu...
IS28F020 ISSI-IS28F020 Datasheet
695Kb / 18P
262,144 x 8 CMOS FLASH MEMORY
logo
Winbond
W39L020 WINBOND-W39L020 Datasheet
343Kb / 26P
256K 횞 8 CMOS FLASH MEMORY
logo
Cypress Semiconductor
S70GL02GS CYPRESS-S70GL02GS Datasheet
332Kb / 19P
2 Gbit (256 MBytes), 3.0 V Flash Memory
logo
ON Semiconductor
LE25W81QE ONSEMI-LE25W81QE_17 Datasheet
195Kb / 21P
Serial Flash Memory 8 Mb
February 2017 - Rev. 0
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com