Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCANMOB1002-RSP Datasheet(PDF) 2 Page - Infinite Electronics International, Inc.

Part # LCANMOB1002-RSP
Description  617-7125 MHz, 2-5 dBi Gain, Omni-directional Antenna with Magnetic NMO Mount, Reverse Polarity-SMA Plug Connector
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

LCANMOB1002-RSP Datasheet(HTML) 2 Page - Infinite Electronics International, Inc.

  LCANMOB1002-RSP Datasheet HTML 1Page - Infinite Electronics International, Inc. LCANMOB1002-RSP Datasheet HTML 2Page - Infinite Electronics International, Inc. LCANMOB1002-RSP Datasheet HTML 3Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
USA & Canada
+1(800) 341-5266 | International +1(978) 682-6936 | L-com.com
2
LCANMOB1002-RSP REV 1 | © 2020 Infinite Electronics, Inc. L-com is a registered trademark of Infinite Electronics, Inc.
617-7125 MHz, 2-5 dBi Gain, Omni-directional Antenna with
Magnetic NMO Mount, Reverse Polarity-SMA Plug Connector
LCANMOB1002-RSP
Gain
2
5
dBi
Input Power
100
Watts
.
Mechanical Specifications
Size
Length
4.95 in [125.73 mm]
Width
3 in [76.2 mm]
Height
3 in [76.2 mm]
Weight
1.25 lbs [566.99 g]
Environmental Specifications
Compliance Certifications (see product page for current document)
Plotted and Other Data
Notes:
617-7125 MHz, 2-5 dBi Gain, Omni-directional Antenna with Magnetic NMO Mount, Reverse Polarity-SMA Plug Connector from L-com
has same day shipment for domestic and International orders. Our portfolio includes coaxial cable assemblies, connectors, adapters
and custom products as well as lightning and surge protectors, NEMA rated enclosures, and an RF product line which includes
antennas, amplifiers, passive, and active components.
The information contained within this document is accurate to the best of our knowledge and representative of the part described herein. It may be necessary
to make modifications to the part and/or the documentation of the part in order to impliment improvements. L-com reserves the right to make such changes
as required. Unless otherwise stated, all specifications are nominal. L-com does not make any representation or warranty regarding the suitability of the part
described herein for any particular purpose, and L-com does not assume liability arising out of the use of any part or document.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com