Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCANMOB1002-RTP Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # LCANMOB1002-RTP
Description  617-7125 MHz, 2-5 dBi Gain, Omni-directional Antenna with Magnetic NMO Mount, Reverse Polarity-TNC Plug Connector
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

LCANMOB1002-RTP Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  LCANMOB1002-RTP Datasheet HTML 1Page - Infinite Electronics International, Inc. LCANMOB1002-RTP Datasheet HTML 2Page - Infinite Electronics International, Inc. LCANMOB1002-RTP Datasheet HTML 3Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
USA & Canada
+1(800) 341-5266 | International +1(978) 682-6936 | L-com.com
1
LCANMOB1002-RTP REV 1 | © 2020 Infinite Electronics, Inc. L-com is a registered trademark of Infinite Electronics, Inc.
617-7125 MHz, 2-5 dBi Gain, Omni-directional Antenna with
Magnetic NMO Mount, Reverse Polarity-TNC Plug Connector
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price, inventory and certifications:
617-7125 MHz, 2-5 dBi Gain, Omni-directional Antenna with Magnetic NMO Mount, Reverse Polarity-TNC Plug Connector LCANMOB1002-RTP
Features
• Outdoor Rated Omni Directional Antenna
• 2-5 dBi Gain
• Easy to install magnetic mount offering temporary plug and play
installation
• NMO Magnetic Mount, Black ABS Radome
• 2.5:1 VSWR Max
• 10 Foot, Black Low-Loss LMR195 Equivalent
• Reverse Polarity-TNC Plug Connector
Applications
• Infotainment systems, Routers, Wi-Fi hotspots, HD video trans-
mission, Gateways, Dash cameras, Public transportation Public
Safety Networks
• Connected cars or self driving cars, Fleet management, Logistics
• IoT, Industrial IoT, Zigbee, Bluetooth, Wi-Fi
Description
The L-com LCANMOB1002-RTP is an omnidirectional antenna with a magnetic NMO mount specifically designed for high-performance
applications. This vertically polarized omni antenna with NMO mount is available in black color. Our high-quality antenna can operate
at frequencies ranging from 617 to 7125 MHz, which is ideal for indoor low-profile, in-building, and mobile applications. This non-infra-
structure antenna has a 5 dBi gain, which transmits high-power signals and faster speed. This vertically polarized omni antenna with
NMO mount is available in white color.
The LCANMOB1002-RTP in-building antenna from L-com features an NMO-type magnetic mount, which is ideal when the portability of
the antenna is required. This NMO antenna mount is constructed with a heavy-duty magnet to ensure secure mounting. No drilling is
required for the installation of this antenna mount, making it easy to fine-tune the antenna location. The magnetic base is easy to install
and offers a temporary plug-and-play installation. Our magnetic mount comes with a reverse polarity TNC plug connector and can be
used for WLAN, Wi-Fi, public safety, and mobile RF applications.
L-com has one of the largest in-stock selection of omnidirectional antennas with same-day shipment. Use our on-line ordering system
to purchase your LCANMOB1002-RTPantenna 24 hours a day with same-day shipping and no MOQs (minimum order quantities). For
further information on similar products, our expert technical support and knowledgeable sales team can help you get the ideal vertically
polarized antenna with a magnetic NMO mount for your requirements.
Configuration
Design
Omni
Band Type
Single
Radiation Pattern
Omni Directional
Polarization
Vertical
Connector Type
TNC Reverse Polarity
Number of Ports
1
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
617
7,125
MHz
Input VSWR
1.5:1
LCANMOB1002-RTP


Similar Part No. - LCANMOB1002-RTP

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
LCANMOB1002-RSP L-COM-LCANMOB1002-RSP Datasheet
355Kb / 3P
617-7125 MHz, 2-5 dBi Gain, Omni-directional Antenna with Magnetic NMO Mount, Reverse Polarity-SMA Plug Connector
02/27/2023
More results

Similar Description - LCANMOB1002-RTP

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE51022-8 PASTERNACK-PE51022-8 Datasheet
232Kb / 1P
ANTENNA MOUNT (NMO) CABLE ASSEMBLY, NMO MAGNETIC MOUNT TO TNC MALE, RG58
PE51022-9 PASTERNACK-PE51022-9 Datasheet
236Kb / 1P
ANTENNA MOUNT (NMO) CABLE ASSEMBLY, NMO MAGNETIC MOUNT TO TNC FEMALE, RG58
PE51022-12 PASTERNACK-PE51022-12 Datasheet
241Kb / 1P
ANTENNA MOUNT (NMO) CABLE ASSEMBLY, NMO MAGNETIC MOUNT TO REVERSE POLARITY SMA MALE, RG58
PE51031 PASTERNACK-PE51031 Datasheet
66Kb / 1P
Vertical Omni Antenna 2400 MHz, 12.0 dBi
PE51033 PASTERNACK-PE51033 Datasheet
80Kb / 1P
Vertical Omni Antenna 3500 MHz, 9.0 dBi
logo
List of Unclassifed Man...
OMB891205F21 ETC2-OMB891205F21 Datasheet
566Kb / 12P
5 dBi Penta-band Cellular Indoor/Outdoor Omni-Directional Antenna
logo
Level One
OAN-2090 LVL1-OAN-2090 Datasheet
209Kb / 3P
9 dBi Omni Directional Indoor/ Outdoor Antenna Kit
logo
Taoglas antenna solutio...
OMB891205F21 TAOGLAS-OMB891205F21 Datasheet
604Kb / 12P
5 dBi Penta-band Cellular Indoor/Outdoor Omni-Directional Antenna
logo
Pasternack Enterprises,...
PE51OM1039 PASTERNACK-PE51OM1039 Datasheet
541Kb / 4P
6 dBi MIMO Omni Antenna 617-2,700 MHz N Type Female Connector
REV 1
PE51OM1040 PASTERNACK-PE51OM1040 Datasheet
366Kb / 4P
7 dBi Omni Antenna 617-3,800 MHz N Type Female Connector
REV 1
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com