Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58LW032D110N6F Datasheet(PDF) 27 Page - STMicroelectronics

Part # M58LW032D110N6F
Description  32 Mbit 4Mb x8, 2Mb x16, Uniform Block 3V Supply Flash Memory
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LW032D110N6F Datasheet(HTML) 27 Page - STMicroelectronics

Back Button M58LW032D110N6F Datasheet HTML 23Page - STMicroelectronics M58LW032D110N6F Datasheet HTML 24Page - STMicroelectronics M58LW032D110N6F Datasheet HTML 25Page - STMicroelectronics M58LW032D110N6F Datasheet HTML 26Page - STMicroelectronics M58LW032D110N6F Datasheet HTML 27Page - STMicroelectronics M58LW032D110N6F Datasheet HTML 28Page - STMicroelectronics M58LW032D110N6F Datasheet HTML 29Page - STMicroelectronics M58LW032D110N6F Datasheet HTML 30Page - STMicroelectronics M58LW032D110N6F Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 51 page
background image
27/51
M58LW032D
Figure 9. Bus Read AC Waveforms
Note: 1. VIH = Device Disabled (first edge of E0, E1 or E2), VIL = Device Enabled (first edge of E0, E1 or E2). Refer to Table 2 for more
details.
2. BYTE can be Low or High.
Table 15. Bus Read AC Characteristics.
Symbol
Parameter
Test Condition
M58LW032D
Unit
90
110
tAVAV
Address Valid to Address Valid
E = VIL, G = VIL
Min
90
110
ns
tAVQV
Address Valid to Output Valid
E = VIL, G = VIL
Max
90
110
ns
tAXQX
Address Transition to Output Transition
E = VIL, G = VIL
Min
0
0
ns
tBLQV
Byte Low (or High) to Output Valid
E = VIL, G = VIL
Max
1
1
µs
tBLQZ
Byte Low (or High) to Output Hi-Z
E = VIL, G = VIL
Max
1
1
µs
tEHQX
Chip Enable High to Output Transition
G = VIL
Min
0
0
ns
tEHQZ
Chip Enable High to Output Hi-Z
G = VIL
Max
25
25
ns
tELBL
Chip Enable Low to Byte Low (or High)
G = VIL
Max
10
10
ns
tELQX
Chip Enable Low to Output Transition
G = VIL
Min
0
0
ns
tELQV
Chip Enable Low to Output Valid
G = VIL
Max
90
110
ns
tGHQX
Output Enable High to Output Transition
E = VIL
Min
0
0
ns
tGHQZ
Output Enable High to Output Hi-Z
E = VIL
Max
15
15
ns
tGLQX
Output Enable Low to Output Transition
E = VIL
Min
0
0
ns
tGLQV
Output Enable Low to Output Valid
E = VIL
Max
25
25
ns
AI06239b
E2, E1, E0 (1)
G
A0-A21
DQ0-DQ15
VALID
tAXQX
tELQX
tAVQV
tGLQV
tEHQZ
tGHQX
OUTPUT
tAVAV
tEHQX
tGHQZ
tGLQX
tELQV
BYTE (2)
tELBL
tBLQV
tBLQZ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com