Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DN1102WE Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # DN1102WE
Description  Surface Mount IRED
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DN1102WE Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  DN1102WE Datasheet HTML 1Page - List of Unclassifed Manufacturers DN1102WE Datasheet HTML 2Page - List of Unclassifed Manufacturers DN1102WE Datasheet HTML 3Page - List of Unclassifed Manufacturers DN1102WE Datasheet HTML 4Page - List of Unclassifed Manufacturers DN1102WE Datasheet HTML 5Page - List of Unclassifed Manufacturers DN1102WE Datasheet HTML 6Page - List of Unclassifed Manufacturers DN1102WE Datasheet HTML 7Page - List of Unclassifed Manufacturers DN1102WE Datasheet HTML 8Page - List of Unclassifed Manufacturers DN1102WE Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Page 4
2006.8.31
DN1102W
Technical Data
Spatial Distribution Example
Condition : Ta = 25℃
Spectral Distribution
Relative Intensity vs. Wavelength
Condition : Ta = 25℃, I
F = 50mA
Wavelength [nm]
Forward Voltage vs. Forward Current
Condition : Ta = 25℃
Forward Voltage : V
F(V)
Duty Ratio vs. Pulse Forward Current
Condition : Ta = 25℃, tw ≦ 100μs
Duty Ratio
Surface Mount IRED/Inner Lens Type



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com