Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DN1102W Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # DN1102W
Description  Surface Mount IRED
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DN1102W Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  DN1102W Datasheet HTML 1Page - List of Unclassifed Manufacturers DN1102W Datasheet HTML 2Page - List of Unclassifed Manufacturers DN1102W Datasheet HTML 3Page - List of Unclassifed Manufacturers DN1102W Datasheet HTML 4Page - List of Unclassifed Manufacturers DN1102W Datasheet HTML 5Page - List of Unclassifed Manufacturers DN1102W Datasheet HTML 6Page - List of Unclassifed Manufacturers DN1102W Datasheet HTML 7Page - List of Unclassifed Manufacturers DN1102W Datasheet HTML 8Page - List of Unclassifed Manufacturers DN1102W Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Page 1
Recommended Applications
Car Audio, Electric Household Appliances, OA/FA, PC/Peripheral Equipment, Other General Applications
・Outer Dimension 3.0 x 1.5 x 1.5mm ( L x W x H )
・Inner Lenz type
・Total Output Power : 4mW TYP. (I
F=20mA)
・Lead–free soldering compatible
・RoHS compliant
Peak Wavelength
850nm
Product features
Die materials
GaAlAs
θx= 60 deg.,
θy= 70deg.
Features
Package
3216 type, Water clear epoxy
Rank grouping parameter
Soldering methods
ESD
2kV (HBM)
Sorted by radiant intensity per rank taping
Half Intensity Angle
Assembly method
Auto pick & place machine (Auto Mounter)
Taping and reel
2,500pcs per reel in a 8mm width tape. (Standard)
Reel diameter:φ180mm
DN1102W
Surface Mount IRED/Inner Lens Type
Reflow soldering and manual soldering
※Please refer to Soldering Conditions about soldering.
2007.8.31


Similar Part No. - DN1102W

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
DN1102W STANLEY-DN1102W Datasheet
193Kb / 10P
Surface Mount IRED/Inner Lens Type
More results

Similar Description - DN1102W

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
AN1111C STANLEY-AN1111C Datasheet
185Kb / 10P
Surface Mount IRED
AN1111R STANLEY-AN1111R Datasheet
186Kb / 10P
Surface Mount IRED/Reverse Mount Type
AN1102W STANLEY-AN1102W Datasheet
183Kb / 10P
Surface Mount IRED/Inner Lens Type
TAN1102F STANLEY-TAN1102F Datasheet
209Kb / 14P
Surface Mount IRED/Right Angle Type
DNK1102W STANLEY-DNK1102W Datasheet
288Kb / 17P
Surface Mount IRED/Inner Lens Type
DNK1105W STANLEY-DNK1105W Datasheet
280Kb / 14P
Surface Mount IRED/Dome Lens Type
DNK1111R STANLEY-DNK1111R Datasheet
255Kb / 14P
Surface Mount IRED/Reverse Mount Type
DNK1101W STANLEY-DNK1101W Datasheet
544Kb / 14P
Surface Mount IRED/Inner Lens Type
DNK1101M STANLEY-DNK1101M Datasheet
278Kb / 12P
Surface Mount Type/High-output IRED for Automotive
DN1102W STANLEY-DN1102W Datasheet
193Kb / 10P
Surface Mount IRED/Inner Lens Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com