Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M68AW512 Datasheet(PDF) 11 Page - STMicroelectronics

Part # M68AW512
Description  8 Mbit 512K x16 3.0V Asynchronous SRAM
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M68AW512 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button M68AW512 Datasheet HTML 7Page - STMicroelectronics M68AW512 Datasheet HTML 8Page - STMicroelectronics M68AW512 Datasheet HTML 9Page - STMicroelectronics M68AW512 Datasheet HTML 10Page - STMicroelectronics M68AW512 Datasheet HTML 11Page - STMicroelectronics M68AW512 Datasheet HTML 12Page - STMicroelectronics M68AW512 Datasheet HTML 13Page - STMicroelectronics M68AW512 Datasheet HTML 14Page - STMicroelectronics M68AW512 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
11/18
M68AW512D
Write Mode
The M68AW512D, when Chip Select (E2) is High,
is in the Write Mode whenever the W and E1 are
Low. Either the Chip Enable Input (E1) or the Write
Enable input (W) must be de-asserted during Ad-
dress transitions for subsequent write cycles.
When E1 or W is Low, and UB or LB is Low, write
cycle begins on the W or E1 falling edge. When E1
and W are Low, and UB = LB = High, write cycle
begins on the first falling edge of UB or LB. There-
fore, address setup time is referenced to Write En-
able, Chip Enables and UB/LB as tAVWL, tAVEL and
tAVBL respectively, and is determined by the latter
occurring falling edge.
The Write cycle can be terminated by the earlier
rising edge of E1, W, UB and LB.
If the Output is enabled (E1 = Low, E2 = High, G =
Low, LB or UB = Low), then W will return the out-
puts to high impedance within tWLQZ of its falling
edge. Care must be taken to avoid bus contention
in this type of operation. Data input must be valid
for tDVWH before the rising edge of Write Enable,
or for tDVEH before the rising edge of E1 or for tD-
VBH before the rising edge of UB/LB, whichever
occurs first, and remain valid for tWHDX, tEHDX and
tBHDX respectively.
Figure 10. Write Enable Controlled, Write AC Waveforms
Note: 1. During this period DQ0-DQ15 are in output state and input signals should not be applied.
AI05982
tAVAV
tWHAX
tDVWH
DATA INPUT
A0-A18
E1
W
DQ0-DQ15
VALID
tAVWH
tAVEL
tWLWH
tAVWL
tWLQZ
tWHDX
tWHQX
tBLBH
UB, LB
E2
tELWH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com