Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4041 Datasheet(PDF) 12 Page - Texas Instruments

Part # LM4041
Description  PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM4041 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM4041 Datasheet HTML 8Page - Texas Instruments LM4041 Datasheet HTML 9Page - Texas Instruments LM4041 Datasheet HTML 10Page - Texas Instruments LM4041 Datasheet HTML 11Page - Texas Instruments LM4041 Datasheet HTML 12Page - Texas Instruments LM4041 Datasheet HTML 13Page - Texas Instruments LM4041 Datasheet HTML 14Page - Texas Instruments LM4041 Datasheet HTML 15Page - Texas Instruments LM4041 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
1.2305
1.231
1.2315
1.232
1.2325
1.233
1.2335
1.234
1.2345
1.235
Temperature (5C)
−40
−20
0
20
40
60
80
100
LM4041 (Adj)
IZ = 1 mA
VREF
5 V
10 V
0
10
20
30
40
50
60
70
80
90
100
Reverse (Output) Voltage (V)
LM4041 (Adj)
IZ = 1 mA
0
2
4
6
8
10
1255C
855C
255C
−405C
0.1
1
10
100
1000
Frequency (Hz)
1k
100
10k
100k
1M
LM4041 (Adj)
IZ = 1 mA
D
IZ = 0.1 IZ
Tj = 255C
CL = 1 mF
CL = 0 mF
Capacitor
Line
1.23 V
2.5 V
5 V
10 V
0.1
1
10
100
1000
LM4041 (Adj)
IZ = 150 mA
D
IZ = 0.1 IZ
Tj = 25°C
1k
100
10k
100k
1M
Frequency (Hz)
CL = 1 mF
CL = 0 mF
Capacitor
Line
1.23 V
2.5 V
5 V
10 V
LM4041
PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
SLCS146E – FEBRUARY 2005 – REVISED FEBRUARY 2006
Figure 5. Reference Voltage vs Temperature
Figure 6. Feedback Current vs Reverse (Output) Voltage
(for Different Reverse Voltages)
(for Different Temperatures)
Figure 7. Output Impedance vs Frequency
Figure 8. Output Impedance vs Frequency
12
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com