Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4534CSD Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX4534CSD
Description  Fault-Protected, High-Voltage, Single 4-to-1/Dual 2-to-1 Multiplexers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4534CSD Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX4534CSD Datasheet HTML 1Page - Maxim Integrated Products MAX4534CSD Datasheet HTML 2Page - Maxim Integrated Products MAX4534CSD Datasheet HTML 3Page - Maxim Integrated Products MAX4534CSD Datasheet HTML 4Page - Maxim Integrated Products MAX4534CSD Datasheet HTML 5Page - Maxim Integrated Products MAX4534CSD Datasheet HTML 6Page - Maxim Integrated Products MAX4534CSD Datasheet HTML 7Page - Maxim Integrated Products MAX4534CSD Datasheet HTML 8Page - Maxim Integrated Products MAX4534CSD Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Fault-Protected, High-Voltage,
Single 4-to-1/Dual 2-to-1 Multiplexers
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS—Dual Supplies
(V+ = +15V, V- = -15V, VA_H = VENH = 2.4V, VA_L = VENL = 0.8V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at
TA = +25°C.) (Note 3)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
(Voltages Referenced to GND)
V+ ...........................................................................-0.3V to +44V
V- ............................................................................-44V to +0.3V
V+ to V-...................................................................-0.3V to +44V
COM_, A_, EN (Note 1)........................ (V- - 0.3V) to (V+ + 0.3V)
NO_ (Note 2)...........................................(V+ - 40V) to (V- + 40V)
NO_ to COM_ (Note 2) ............................................-40V to +40V
NO_ Overvoltage with Switch Power On (Note 2). ..-36V to +36V
NO_ Overvoltage with Switch Power Off (Note 2). ..-40V to +40V
Continuous Current into Any Terminal..............................±30mA
Peak Current Into Any Terminal
(pulsed at 1ms, 10% duty cycle).................................±100mA
Continuous Power Dissipation (TA = +70°C)
14-Pin TSSOP (derate 6.3mW/°C above +70°C) ..........500mW
14-Pin Narrow SO (derate 8mW/°C above +70°C) .......640mW
14-Pin Plastic DIP (derate 10mW/°C above +70°C) .....800mW
Operating Temperature Ranges
MAX453_C_D.......................................................0°C to +70°C
MAX453_E_D ....................................................-40°C to +85°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
Note 1: COM_, EN, and A_ pins are not fault protected. Signals on COM_, EN, or A_ exceeding V+ or V- are clamped by internal
diodes. Limit forward diode current to maximum current rating.
Note 2: NO_ pins are fault-protected. Signals on NO_ exceeding -25V to +25V may damage the device during power-on conditions.
When the power is off the maximum voltage range is -40V to +40V.
TA
C, E
+25°C
+25°C
C, E
+25°C
C, E
+25°C
C, E
C, E
+25°C
C, E
+25°C
+25°C
C, E
CONDITIONS
VCOM_ = ±10V,
VNO_ = –
+10V
VCOM_ = ±10V, INO_ = 1mA
VCOM_ = ±10V, INO_ = 1mA
VNO_ = ±10V, VCOM_ = –
+10V
Applies with power on or off
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
15
On-Resistance Match Between
Channels (Note 4)
∆RON
210
Ω
On-Resistance
Ω
500
-0.5
0.01
0.5
nA
-5
5
NO_ Off-Leakage Current
(Note 5)
INO_(OFF)
Fault-Free Analog Signal Range
VNO_
V-
V+
V
RON
275
400
ICOM_(OFF)
nA
-2
0.05
2
-60
60
-1
0.05
1
-30
30
COM_ Off-Leakage Current
(Note 5)
ICOM_(ON)
nA
VNO_
-2
0.1
2
Applies with power on
+25°C
-80
80
C, E
COM_ On-Leakage Current
(Note 5)
-1
0.1
1
-40
40
-25
+25
-40
+40
Fault-Protected Analog Signal
Range (Note 6)
V
Applies with power off
ICOM_
nA
-20
20
-1
1
COM_ Output Leakage Current,
Supplies On
VCOM_ = ±10V,
VNO_ = floating
MAX4535
MAX4535
VNO_ = ±25V, VEN = 0, VCOM_ = 0
MAX4534
MAX4534
FAULT PROTECTION
ANALOG SWITCH
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com