Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFT230 Datasheet(PDF) 4 Page - Clarke International

Part # DFT230
Description  230V DIESEL FUEL TRANSFER PUMP
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

DFT230 Datasheet(HTML) 4 Page - Clarke International

  DFT230 Datasheet HTML 1Page - Clarke International DFT230 Datasheet HTML 2Page - Clarke International DFT230 Datasheet HTML 3Page - Clarke International DFT230 Datasheet HTML 4Page - Clarke International DFT230 Datasheet HTML 5Page - Clarke International DFT230 Datasheet HTML 6Page - Clarke International DFT230 Datasheet HTML 7Page - Clarke International DFT230 Datasheet HTML 8Page - Clarke International DFT230 Datasheet HTML 9Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
ELECTRICAL CONNECTIONS
Before switching the product on, make sure that the voltage of your electricity supply
is the same as that indicated on the rating plate. This product is designed to operate
on 230VAC 50Hz. Connecting it to any other power source may cause damage.
This product may be fitted with a non-rewireable plug. If it is necessary to change the
fuse in the plug, the fuse cover must be refitted. If the fuse cover becomes lost or
damaged, the plug must not be used until a suitable replacement is obtained.
If the plug has to be changed because it is not suitable for your socket, or due to
damage, it should be cut off and a replacement fitted, following the wiring
instructions shown below. The old plug must be disposed of safely, as insertion into a
mains socket could cause an electrical hazard
To ensure that the colours of the wires in the power cable correspond with the
markings on the terminals of your plug, proceed as follows.
• The Blue wire must be connected to the terminal marked N or coloured
Black.
• The Brown wire must be connected to the terminal marked L or coloured
Red.
• The Yellow and Green wire must be connected to the terminal marked E
or
or coloured Green
We strongly recommend that this machine is connected to the mains
supply via a Residual Current Device (RCD))
If in any doubt, consult a qualified electrician. DO NOT attempt any connections
yourself.
WARNING! READ THESE ELECTRICAL SAFETY INSTRUCTIONS
THOROUGHLY BEFORE CONNECTING THE PRODUCT TO THE
MAINS SUPPLY.
Plug must be BS1363/A approved.
Always fit a 13 Amp fuse.
Ensure that the outer sheath of the cable is firmly held by the clamp
Neutral
(Blue)
Live
(Brown)
Earth
(Green and Yellow)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com