Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AA1114/2YC/CC Datasheet(PDF) 3 Page - Kingbright Corporation

Part # AA1114/2YC/CC
Description  11mm x 1.4mm BACKLIGHT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

AA1114/2YC/CC Datasheet(HTML) 3 Page - Kingbright Corporation

  AA1114/2YC/CC Datasheet HTML 1Page - Kingbright Corporation AA1114/2YC/CC Datasheet HTML 2Page - Kingbright Corporation AA1114/2YC/CC Datasheet HTML 3Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SPEC NO: DSAB2773
REV NO: V.3
DATE: MAR/05/2005
PAGE: 3 OF 3
APPROVED: J. Lu
CHECKED: Allen Liu
DRAWN: B.H.LI
ERP: 1201001463
Remarks:
If there is sorting requirement (eg. forward voltage, luminous intensity or wavelength) , the condition as follows:
1.Wavelength: +/-1nm (Test condition is based on the sorting standard).
2.Luminous intensity: +/-15% (Test condition is based on the sorting standard).
3.Forward voltage: +/-0.1V (Test condition is based on the sorting standard).
Yellow
AA1114/2YC/CC



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com