Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC358 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # UPC358
Description  Single Power Supply Dual Operational Amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC358 Datasheet(HTML) 2 Page - Renesas Technology Corp

  UPC358 Datasheet HTML 1Page - Renesas Technology Corp UPC358 Datasheet HTML 2Page - Renesas Technology Corp UPC358 Datasheet HTML 3Page - Renesas Technology Corp UPC358 Datasheet HTML 4Page - Renesas Technology Corp UPC358 Datasheet HTML 5Page - Renesas Technology Corp UPC358 Datasheet HTML 6Page - Renesas Technology Corp UPC358 Datasheet HTML 7Page - Renesas Technology Corp UPC358 Datasheet HTML 8Page - Renesas Technology Corp UPC358 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
UPC1251, UPC358
R03DS0144EJ0200 Rev.2.00
Page 2 of 11
Feb.18.25
ORDERING INFORMATION
Order Name(1)
Selected Grade
Package
UPC1251G2-AP
Standard
8-pin plastic SOP ( 5.72 mm ( 225 ))
UPC1251G2(5)-AP
DC parameter selection
8-pin plastic SOP ( 5.72 mm ( 225 ))
UPC358G2-AP
Standard
8-pin plastic SOP ( 5.72 mm ( 225 ))
UPC358G2(5)-AP
DC parameter selection
8-pin plastic SOP ( 5.72 mm ( 225 ))
UPC1251GR-9LG-A
Standard
8-pin plastic TSSOP ( 5.72 mm ( 225 ))
UPC1251GR(5)-9LG-A
DC parameter selection
8-pin plastic TSSOP ( 5.72 mm ( 225 ))
UPC1251MP-KAA-A
Standard
8-pin plastic MSOP ( 2.80 × 2.95 mm)
UPC358GR-9LG-A
Standard
8-pin plastic TSSOP ( 5.72 mm ( 225 ))
UPC358GR(5)-9LG-A
DC parameter selection
8-pin plastic TSSOP ( 5.72 mm ( 225 ))
(1) Order names containing E1 or E2 indicate that the packaging format is embossed taping.
Pin 1 of E1 is on draw-out side, and pin 1 of E2 is at take-up side.
EQUIVALENT CIRCUIT (1/2 Circuit)
PIN CONFIGURATION (Marking side)
II
Q1
Q2
IN
Q4
Q11
Q3
Q8
Q9
Q10
Q12
OUT
V -
V +
Q5
Q6
Q7
Q13
50 μA
100 μA
RSC
6 μA
6 μA
CC
1
+
-
1
OUT1
8 V +
2
II1
3
IN1
4
V -
7 OUT2
6 II2
5 IN2
2
-
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com