Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSNULL9FF-A Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # CSNULL9FF-A
Description  CABLE, DB9F/DB9F NULL MODEM
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

CSNULL9FF-A Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  CSNULL9FF-A Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
THUMBSCREW
SHIELD AND DRAIN WIRE.
BOTH SIDES
JACKET: PVC, LIGHT GRAY (PANTONE 400C)
L-COM LOGO
4X, 4-40 UNC-2A
4X, 4-40 UNC-2B
SCREW LOCKS
UL STYLE 2464, 9 COND., 26AWG STRANDED
TINNED COPPER WITH ALUMINIZED POLYESTER
L-COM LOGO
BOTH SIDES
LENGTH
2X, MOLDED PVC HOOD
AND STRAIN RELIEF WITH
360° FOIL SHIELD
COLOR: LIGHT GRAY
(PANTONE 400C)
NOTES:
ACCORDANCE WITH L-COM SPECIFICATION PS-0031.
REGULATORY COMPLIANCE:
"J1"
PIN 9 NOT USED.
2. CABLE ASSEMBLY SHALL BE TESTED FOR CONTINUITY.
1.
CE2011/65/EU(RoHS DIRECTIVE)
3. CABLE ASSEMBLY SHALL BE INDIVIDUALLY PACKAGED IN
WIRING MAP
"J1"
WIRE COLOR
"J2"
1 & 6
BLACK
4
2GRAY
3
3RED
2
4
GREEN
1 & 6
5BROWN
5
7
ORANGE
8
8
YELLOW
7
SHELL
DRAIN WIRE
SHELL
F
F
F
UNDIMENSIONED FEATURES
CSNULL-FS01
CABLE, DB9F/DB9F NULL MODEM
A
B
UNLESS OTHERWISE SPECIFIED,
CONFIGURATION DETAILS OF
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
MCCORMICK
C
D
45 BEECHWOOD DRIVE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
DATE
8
CSNULL9FF-A
11
DOUG PARHAM
6/27/2002
6/27/2002
REVISIONS
DESCRIPTION
APPROVED
REV
R.CARRICK
6/27/2002
CSNULL9FF-A.SLDDRW
F
MAY OCCUR
E
F
ECN 6604: NEW LOGO'S, ADD PANTONE 400C
ECN 7231: REVISED DESCRIPTION FOR "HOOD", NEW FORMAT, ROHS NOTE
1/9/14
D.FRISIELLO
D.FRISIELLO
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
COLOR VARIATIONS
7
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
MAY VARY
NONE
FSCM NO.
43321
D-SUBMINIATURE
PROJECTION
3/11/13
NORTH ANDOVER, MA
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
OVERALL CABLE LENGTH TOLERANCE:
≤12 [305] = +1 [25] / -0
>12 [305] ≤60 [1524] = +2 [51] / -0
>60 [1524] ≤120 [3048] = +4 [102] / -0
>120 [3048] ≤300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0%
ALL OTHER DIMENSIONAL TOLERANCES:
.X = ± .2 [5.08]
.XX = ± .02 [.51]
.XXX = ±.005 [.13]
POSITION 1
"J2"
2X, FEMALE 9-CONTACT
D-SUB CONNECTOR
GOLD PLATED CONTACTS
POSITION 1
MODEL
LENGTH
NUMBER
FEET
METERS
CSNULL9FF-5A
5.0
1.52
CSNULL9FF-10A
10.0
3.05
CSNULL9FF-25A
25.0
7.62


Similar Part No. - CSNULL9FF-A

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
CSNULL9FF-10 L-COM-CSNULL9FF-10 Datasheet
90Kb / 1P
CABLE, DB9F/DB9F NULL MODEM
7/19/01
CSNULL9FF-25 L-COM-CSNULL9FF-25 Datasheet
90Kb / 1P
CABLE, DB9F/DB9F NULL MODEM
7/19/01
CSNULL9FF-5 L-COM-CSNULL9FF-5 Datasheet
90Kb / 1P
CABLE, DB9F/DB9F NULL MODEM
7/19/01
More results

Similar Description - CSNULL9FF-A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1059 ETC1-1059 Datasheet
60Kb / 1P
DB9F to DB25M Serial Printer Cable
logo
Assmann Electronics Inc...
AB-NM9-R ASSMANN-AB-NM9-R Datasheet
242Kb / 1P
D-Sub Null Modem Adapter, 9 Pin - Male / 9 Pin - Female
11.22.11
logo
Tripp Lite. All Rights ...
P450000 TRIPPLITE-P450000 Datasheet
485Kb / 2P
Null Modem Serial DB9 Serial Modular Adapter Kit, 2x (DB9F to RJ45F)
logo
Future Technology Devic...
USB-NMC-2.5M FTDI-USB-NMC-2.5M Datasheet
522Kb / 7P
USB to USB Null Modem Cable
logo
Tripp Lite. All Rights ...
P430-006 TRIPPLITE-P430-006 Datasheet
177Kb / 2P
6 ft RJ45 to DB9F Cisco Serial Console Port Rollover Cable
P450-000 TRIPPLITE-P450-000 Datasheet
158Kb / 2P
Null Modem Serial DB9 Serial Modular Adapter Kit, 2x (DB9F to RJ45F)
logo
Advantech Co., Ltd.
BB-9F8CK ADVANTECH-BB-9F8CK Datasheet
323Kb / 1P
DB9F to 8-wire RJ-45 Modular Jack Adapter
BB-9PAMF1 ADVANTECH-BB-9PAMF1 Datasheet
746Kb / 1P
DB9M to DB9F Serial Cables
BB-DGB9FT ADVANTECH-BB-DGB9FT Datasheet
312Kb / 1P
DB9F to Terminal Block Connector
MMNM9 ADVANTECH-MMNM9 Datasheet
270Kb / 1P
RS-232 Null Modem Adapter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com