Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSNULL9FF Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # CSNULL9FF
Description  CABLE, DB9F/DB9F NULL MODEM
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

CSNULL9FF Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  CSNULL9FF Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
D
A
B
C
D
COLOR VARIATIONS
CONFIGURATION DETAILS OF
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
8
NORTH ANDOVER, MA
45 BEECHWOOD DRIVE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
6/7/01
8
7/19/01
ECN3189: CN RELEASE
1
ECN 3779: DEFINED COLOR TO LIGHT GRAY, NEW FORMAT
D. PARHAM
7/18/01
REVISIONS
DESCRIPTION
APPROVED
REV
02/08/08
7/20/01
RELEASED FOR PRODUCTION
DFP
TJC
CM
A
C
CSNULL9FF.SLDDRW
DATE
1
CSNULL9FF
D
DIMENSIONS ARE IN INCHES [mm]
D.FRISIELLO
CATEGORY
PRODUCT DESCRIPTION
CSNULL-FS01
3/11/13
UNLESS OTHERWISE SPECIFIED,
MAY OCCUR
D.FRISIELLO
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
MAY VARY
NONE
FSCM NO.
1/7/09
CABLE, DB9F/DB9F NULL MODEM
D-SUBMINIATURE
PROJECTION
B
ECN 6604: ADDED NEW LOGO, FORMAT, PANTONE 400C, ALL NOTES
TJC
UNDIMENSIONED FEATURES
43321
OVERALL CABLE LENGTH TOLERANCE:
≤12 [305] = +1 [25] / -0
>12 [305] ≤60 [1524] = +2 [51] / -0
>60 [1524] ≤120 [3048] = +4 [102] / -0
>120 [3048] ≤300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0%
ALL OTHER DIMENSIONAL TOLERANCES:
.X = ± .2
.XX = ± .02
.XXX = ±.005
RoHS Compliant 
D
ACCORDANCE WITH L-COM SPECIFICATION PS-0031.
CABLE ASSEMBLY SHALL BE INDIVIDUALLY PACKAGED IN
CABLE ASSEMBLY SHALL BE TESTED FOR CONTINUITY.
NOTES:
D
D
D
D
MODEL
NUMBER
LENGTH
FEET
METERS
CSNULL9FF-5
5.0
1.52
CSNULL9FF-10
10.0
3.05
CSNULL9FF-25
25.0
7.62
"J2"
BOTH SIDES
4X, 4-40 UNC-2A
THUMBSCREW
JACKET: PVC, LIGHT GRAY (PANTONE 400C)
SHIELD AND DRAIN WIRE.
SCREWLOCKS
4X, 4-40UNC-2B
TINNED COPPER WITH ALUMINIZED POLYESTER
UL STYLE 2464, 9 COND., 26AWG STRANDED
(PANTONE 400C)
COLOR: LIGHT GRAY
BOTH SIDES
L-COM LOGO
2X, MOLDED PVC
STRAIN RELIEF WITH
360° FOIL SHIELD
L-COM LOGO
D
LENGTH
D-SUB CONNECTOR
GOLD PLATED CONTACTS
2X, FEMALE 9-CONTACT
POSITION 1
"J1"
POSITION 1
"J1"
WIRE COLOR
"J2"
1BLACK
1
2GRAY
3
3RED
2
4
GREEN
4
5BROWN
5
6BLUE
6
7
ORANGE
7
8
YELLOW
8
9PURPLE
9
SHELL
DRAIN WIRE
SHELL
WIRING MAP


Similar Part No. - CSNULL9FF

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
CSNULL9FF-10A L-COM-CSNULL9FF-10A Datasheet
90Kb / 1P
CABLE, DB9F/DB9F NULL MODEM
6/27/2002
CSNULL9FF-25A L-COM-CSNULL9FF-25A Datasheet
90Kb / 1P
CABLE, DB9F/DB9F NULL MODEM
6/27/2002
CSNULL9FF-5A L-COM-CSNULL9FF-5A Datasheet
90Kb / 1P
CABLE, DB9F/DB9F NULL MODEM
6/27/2002
CSNULL9FF-A L-COM-CSNULL9FF-A Datasheet
90Kb / 1P
CABLE, DB9F/DB9F NULL MODEM
6/27/2002
More results

Similar Description - CSNULL9FF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1059 ETC1-1059 Datasheet
60Kb / 1P
DB9F to DB25M Serial Printer Cable
logo
Assmann Electronics Inc...
AB-NM9-R ASSMANN-AB-NM9-R Datasheet
242Kb / 1P
D-Sub Null Modem Adapter, 9 Pin - Male / 9 Pin - Female
11.22.11
logo
Tripp Lite. All Rights ...
P450000 TRIPPLITE-P450000 Datasheet
485Kb / 2P
Null Modem Serial DB9 Serial Modular Adapter Kit, 2x (DB9F to RJ45F)
logo
Future Technology Devic...
USB-NMC-2.5M FTDI-USB-NMC-2.5M Datasheet
522Kb / 7P
USB to USB Null Modem Cable
logo
Tripp Lite. All Rights ...
P430-006 TRIPPLITE-P430-006 Datasheet
177Kb / 2P
6 ft RJ45 to DB9F Cisco Serial Console Port Rollover Cable
P450-000 TRIPPLITE-P450-000 Datasheet
158Kb / 2P
Null Modem Serial DB9 Serial Modular Adapter Kit, 2x (DB9F to RJ45F)
logo
Advantech Co., Ltd.
BB-9F8CK ADVANTECH-BB-9F8CK Datasheet
323Kb / 1P
DB9F to 8-wire RJ-45 Modular Jack Adapter
BB-9PAMF1 ADVANTECH-BB-9PAMF1 Datasheet
746Kb / 1P
DB9M to DB9F Serial Cables
BB-DGB9FT ADVANTECH-BB-DGB9FT Datasheet
312Kb / 1P
DB9F to Terminal Block Connector
MMNM9 ADVANTECH-MMNM9 Datasheet
270Kb / 1P
RS-232 Null Modem Adapter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com