Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTLEVCMM-5 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # CTLEVCMM-5
Description  CA VIDEO EVC M/EVC M
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

CTLEVCMM-5 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  CTLEVCMM-5 Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
RoHS Compliant 
4
2
1
2X EVC MALE
1. PINS 8,18 AND 28 RECESSED TO PROVIDE PROPER
5
2. CABLES TO BE TESTED FOR CONTINUITY
POWER/GROUND SEQUENCING
3
3. CABLES SHALL BE INDIVIDUALLY PACKAGED IN ACCORDANCE
CONNECTOR
"P1"
"P2"
NOTES:
WITH L-COM SPECIFICATION PS-0031.
BRAID
G R A Y
GREEN
WHITE
DRAIN
DRAIN
GREEN
BROWN
RED
PURPLE
WHITE
B R A I D
B R A I D
B R A I D
1
2
3
B L A C K
Y E L L O W
5
4
6
B L A C K
12
W H I T E
11
14
13
15
G R A Y
17
16
9
10
18
G R E E N
R E D
DRAIN
B L U E
O R A N G E
O R A N G E
Y E L L O W
20
19
G R A Y
P U R P L E
21
23
22
B R O W N
RED
24
27
26
B L A C K
B L U E
C5
28
25
29
30
"P1"
"P2"
R E D
B R A I D
G R E E N
B L A C K
W H I T E
B R A I D S H I E L D
S
C2
C5
C1
C5
C4
C5
C3
WIRING MAP
C3
C5
C4
C5
C1
C5
C2
S
30
29
25
28
C5
26
27
24
22
23
21
19
20
18
10
9
16
17
15
13
14
11
12
6
MODEL MUMBER
LENGTH
FEET
METERS
CTLEVCMM-3
3.0
0.91
CTLEVCMM-5
5.0
1.52
CTLEVCMM-10
10.0
3.05
CTLEVCMM-15
15.0
4.57
CTLEVCMM-25
25.0
7.62
CTLEVCMM-50
50.0
15.24
COLOR VARIATIONS
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
UNDIMENSIONED FEATURES
MAY OCCUR
05/22-'09
PROJECTION
D. DESJARDIN
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
CONFIGURATION DETAILS OF
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
UNLESS OTHERWISE SPECIFIED,
A
B
C
D
45 BEECHWOOD DRIVE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
NORTH ANDOVER, MA
CA VIDEO EVC M/EVC M
4
D
CTLEVCMM
Frank_Mao
6
CTLEVCMM.SLDDRW
11
Frank_Mao
06/12-'09
REV
APPROVED
DATE
8
7
5
REVISIONS
DESCRIPTION
06/12-'09
7/12/09
B
C
ECN 4087: CN RELEASE
ECN 4168: ADDED L-COM LOGO BOTH SIDES
D. CASTRO
D
ECN 6638: UPDATED FORMAT, PACKAGING, AND LOGOS
1/31/13
REF
5
6
7
8
8/4/09
B. ZHANG
NONE
FSCM NO.
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
MAY VARY
AUDIO/VIDEO
Bill_Zhang
43321
OVERALL CABLE LENGTH TOLERANCE:
≤12 [305] = +1 [25] / -0
>12 [305] ≤60 [1524] = +2 [51] / -0
>60 [1524] ≤120 [3048] = +4 [102] / -0
>120 [3048] ≤300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0%
ALL OTHER DIMENSIONAL TOLERANCES:
.X = ± .2
.XX = ± .02
.XXX = ±.005
CAP: PVC GRAY(PANTONE 424C)
4X MOLDED #4-40 THUMBSCREW,
OUTER JACKET: PVC, GRAY(PANTONE 424C)
2X MOLDED PVC HOOD AND STRAIN
RELIEF WITH 360° FOIL SHIELDING,
GRAY(PANTONE 424C)
UL 20276
(6)30AWG COAXIAL LINES,BRAIDED SHIELD;
(1)28AWG TWISTED PAIR, AL/MYLAR SHIELD;
(2)30AWG TWISTED PAIR, AL/MYLAR SHIELD, W/DRAIN WIRE;
(1)28AWG TWISTED PAIR,
(2)30AWG TWISTED PAIR, AL/MYLAR SHIELD, W/DRAIN WIRE;
(1)22AWG TWISTED PAIR,
(1)24AWG TWISTED PAIR,
(6)28AWG SINGLE CONDUCTOR,
OVERALL SHIELD: AL/MYLAR AND BRAID,
2X, L-COM LOGO
BOTH SIDES
LENGTH
C1
PIN1
D
C1
PIN 1


Similar Part No. - CTLEVCMM-5

ManufacturerPart #DatasheetDescription
logo
Sanken electric
CTL-12S SANKEN-CTL-12S Datasheet
634Kb / 5P
Ultra Fast Recovery Diode
logo
Inchange Semiconductor ...
CTL-12S ISC-CTL-12S Datasheet
350Kb / 2P
Ultrafast Recovery Diode
logo
Sanken electric
CTL-21S SANKEN-CTL-21S Datasheet
634Kb / 5P
Ultra Fast Recovery Diode
logo
Inchange Semiconductor ...
CTL-21S ISC-CTL-21S Datasheet
350Kb / 2P
Ultrafast Recovery Diode
logo
Sanken electric
CTL-22S SANKEN-CTL-22S Datasheet
634Kb / 5P
Ultra Fast Recovery Diode
More results

Similar Description - CTLEVCMM-5

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0736231001 MOLEX8-0736231001 Datasheet
118Kb / 2P
1.91mm (.075") Pitch Quick Twist/Retarded Pin Plug Insert Mold for EVC Cable, 10Circuit
logo
TE Connectivity Ltd
C-2016655 TEC-C-2016655 Datasheet
177Kb / 1P
RF CA,SMA M TO SMA M,WITHOUT ARMOR 18GHz
C-2016656 TEC-C-2016656 Datasheet
179Kb / 1P
RF CA, SMA M TO SMA M,18GHz
C-2016657 TEC-C-2016657 Datasheet
188Kb / 1P
RF CA, N M TO N M, WITHOUT ARMOR 18GHz
C-2016658 TEC-C-2016658 Datasheet
190Kb / 1P
RF CA,PC N M TO PC N M, 18GHz
C-2016661 TEC-C-2016661 Datasheet
183Kb / 1P
RF CA,PC2.4 M TO PC2.4 M, 50GHz
C-2016662 TEC-C-2016662 Datasheet
190Kb / 1P
RF CA,PC2.92 M TO PC2.92 M, 40GHz
C-2016663 TEC-C-2016663 Datasheet
194Kb / 1P
RF CA,PC3.5 M TO PC3.5 M,26.5GHz
C-2016703 TEC-C-2016703 Datasheet
474Kb / 1P
RF CA,N M TO SMA M,WITH ARMOR 18GHz
logo
Molex Electronics Ltd.
0622004400 MOLEX-0622004400 Datasheet
28Kb / 1P
EVC MicroCross Ferrule Crimp Tool Kit for the 11316356 Molex Arbor Press
07/27/2021
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com